Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C010 Datasheet(PDF) 7 Page - Microchip Technology

Part # AT28C010
Description  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010 Datasheet(HTML) 7 Page - Microchip Technology

Back Button AT28C010 Datasheet HTML 3Page - Microchip Technology AT28C010 Datasheet HTML 4Page - Microchip Technology AT28C010 Datasheet HTML 5Page - Microchip Technology AT28C010 Datasheet HTML 6Page - Microchip Technology AT28C010 Datasheet HTML 7Page - Microchip Technology AT28C010 Datasheet HTML 8Page - Microchip Technology AT28C010 Datasheet HTML 9Page - Microchip Technology AT28C010 Datasheet HTML 10Page - Microchip Technology AT28C010 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
4.
Electrical Characteristics
4.1
Absolute Maximum Ratings
Temperature under bias
-55°C to +125°C
Storage temperature
-65°C to +150°C
All input voltages (including NC pins) with respect to ground
-0.6V to +6.25V
All output voltages with respect to ground
-0.6V to VCC + 0.6V
Voltage on OE and A9 with respect to ground
-0.6V to +13.5V
Note:  Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
4.2
DC and AC Operating Range
Table 4-1. DC and AC Operating Range
AT28C010‑12
AT28C010‑15
AT28C010‑20
AT28C010‑25
Operating Temperature (Case)
Military -55°C to +125°C -55°C to +125°C -55°C to +125°C -55°C to +125°C
VCC Power Supply
5V ± 10%
5V ± 10%
5V ± 10%
5V ± 10%
4.3
DC Characteristics
Table 4-2. DC Characteristics
Parameter
Symbol
Minimum
Maximum
Units
Test Conditions
Input Load Current
ILI
—
10
μA
VIN = 0V to VCC + 1V
Output Leakage Current
ILO
—
10
μA
VI/O = 0V to VCC
VCC Standby Current CMOS
ISB1
—
300
μA
CE = VCC - 0.3V to VCC + 1V
VCC Standby Current TTL
ISB2
—
3
mA
CE = 2.0V to VCC + 1V
VCC Active Current
ICC
—
80
mA
f = 5 MHz; IOUT = 0 mA
Input Low Voltage
VIL
—
0.8
V
Input High Voltage
VIH
2.0
—
V
Output Low Voltage
VOL
—
0.45
V
IOL = 2.1 mA
Output High Voltage
VOH1
2.4
—
V
IOH = -400 μA
Output High Voltage CMOS
VOH2
4.2
—
V
IOH = -100 μA; VCC = 4.5V
AT28C010
Electrical Characteristics
© 2020 Microchip Technology Inc.
DS20006311A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com