Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C010 Datasheet(PDF) 9 Page - Microchip Technology

Part # AT28C010
Description  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010 Datasheet(HTML) 9 Page - Microchip Technology

Back Button AT28C010 Datasheet HTML 5Page - Microchip Technology AT28C010 Datasheet HTML 6Page - Microchip Technology AT28C010 Datasheet HTML 7Page - Microchip Technology AT28C010 Datasheet HTML 8Page - Microchip Technology AT28C010 Datasheet HTML 9Page - Microchip Technology AT28C010 Datasheet HTML 10Page - Microchip Technology AT28C010 Datasheet HTML 11Page - Microchip Technology AT28C010 Datasheet HTML 12Page - Microchip Technology AT28C010 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
5.
Device Operation
READ: The AT28C010 is accessed like a Static RAM. When CE and OE are low and WE is high, the data stored at
the memory location determined by the address pins is asserted on the outputs. The outputs are put in the high-
impedance state when either CE or OE is high. This dual-line control gives designers flexibility in preventing bus
contention in their system.
BYTE WRITE: A low pulse on the WE or CE input with CE or WE low (respectively) and OE high initiates a write
cycle. The address is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by the first
rising edge of CE or WE. Once a byte write is started, it will automatically time itself to completion. Once a
programming operation is initiated and for the duration of tWC, a read operation will effectively be a polling operation.
PAGE WRITE: The page write operation of the AT28C010 allows 1 to 128 bytes of data to be written into the device
during a single internal programming period. A page write operation is initiated in the same manner as a byte write;
the first byte written can then be followed by 1 to 127 additional bytes. Each successive byte must be written within
150 µs (tBLC) of the previous byte. If the tBLC limit is exceeded, the AT28C010 will cease accepting data and
commence the internal programming operation. All bytes during a page write operation must reside on the same
page as defined by the state of the A7‑A16 inputs. For each WE high‑to‑low transition during the page write
operation, A7‑A16 must be the same. The A0 to A6 inputs are used to specify which bytes within the page are to be
written. The bytes may be loaded in any order and may be altered within the same load period. Only bytes which are
specified for writing will be written; unnecessary cycling of other bytes within the page does not occur.
DATA POLLING: The AT28C010 features DATA Polling to indicate the end of a write cycle. During a byte or page
write cycle, an attempted read of the last byte written will result in the complement of the written data to be presented
on I/O7. Once the write cycle has been completed, true data is valid on all outputs, and the next write cycle may
begin. DATA Polling may begin at anytime during the write cycle.
TOGGLE BIT: In addition to DATA Polling, the AT28C010 provides another method for determining the end of a write
cycle. During the write operation, successive attempts to read data from the device will result in I/O6 toggling
between one and zero. Once the write has completed, I/O6 will stop toggling and valid data will be read. Reading the
toggle bit may begin at any time during the write cycle.
DATA PROTECTION: If precautions are not taken, inadvertent writes may occur during transitions of the host system
power supply. Microchip incorporated both hardware and software features that will protect the memory against
inadvertent writes.
HARDWARE PROTECTION: Hardware features protect against inadvertent writes to the AT28C010 in the following
ways:
• VCC sense – if VCC is below 3.8V (typical), the write function is inhibited
• VCC power‑on delay – once VCC has reached 3.8V, the device will automatically time out 5 ms (typical) before
allowing a write
• write inhibit – holding any one of OE low, CE high or WE high inhibits write cycles
• noise filter – pulses of less than 15 ns (typical) on the WE or CE inputs will not initiate a write cycle
SOFTWARE DATA PROTECTION: A software-controlled data protection feature has been implemented on the
AT28C010. When enabled, the software data protection (SDP) will prevent inadvertent writes. The SDP feature may
be enabled or disabled by the user; the AT28C010 is shipped with SDP disabled.
SDP is enabled by the host system issuing a series of three write commands; three specific bytes of data are written
to three specific addresses (refer to Software Data Protection Algorithm). After writing the 3‑byte command sequence
and after tWC, the entire AT28C010 will be protected against inadvertent write operations. It should be noted that,
once protected, the host may still perform a byte or page write to the AT28C010. This is done by preceding the data
to be written by the same 3‑byte command sequence used to enable SDP.
Once set, SDP will remain active unless the disable command sequence is issued. Power transitions do not disable
SDP and SDP will protect the AT28C010 during power‑up and power‑down conditions. All command sequences must
conform to the page write timing specifications. The data in the enable and disable command sequences is not
written to the device and the memory addresses used in the sequence may be written with data in either a byte or
page write operation.
AT28C010
Device Operation
© 2020 Microchip Technology Inc.
DS20006311A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com