Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C010 Datasheet(PDF) 13 Page - Microchip Technology

Part # AT28C010
Description  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010 Datasheet(HTML) 13 Page - Microchip Technology

Back Button AT28C010 Datasheet HTML 9Page - Microchip Technology AT28C010 Datasheet HTML 10Page - Microchip Technology AT28C010 Datasheet HTML 11Page - Microchip Technology AT28C010 Datasheet HTML 12Page - Microchip Technology AT28C010 Datasheet HTML 13Page - Microchip Technology AT28C010 Datasheet HTML 14Page - Microchip Technology AT28C010 Datasheet HTML 15Page - Microchip Technology AT28C010 Datasheet HTML 16Page - Microchip Technology AT28C010 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
5.7.2
CE Controlled
OE
ADDRESS
WE
CE
DATA IN
t
OES
t
AS
t
CS
t
AH
t
OEH
t
CH
t
WP
t
WPH
t
DS
t
DH
5.8
Page Mode Characteristics
Table 5-4. Page Mode Characteristics
Parameter
Symbol
Minimum
Maximum
Units
Address, OE Set-Up Time
tAS, tOES
0
—
ns
Address Hold Time
tAH
50
—
ns
Chip Select Set-Up Time
tCS
0
—
ns
Chip Select Hold Time
tCH
0
—
ns
Write Pulse Width (WE or CE)
tWP
100
—
ns
Data Set-Up Time
tDS
50
—
ns
Data, OE Hold Time
tDH, tOEH
0
—
ns
AT28C010
Device Operation
© 2020 Microchip Technology Inc.
DS20006311A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com