Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C010 Datasheet(PDF) 1 Page - Microchip Technology

Part # AT28C010
Description  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010 Datasheet(HTML) 1 Page - Microchip Technology

  AT28C010 Datasheet HTML 1Page - Microchip Technology AT28C010 Datasheet HTML 2Page - Microchip Technology AT28C010 Datasheet HTML 3Page - Microchip Technology AT28C010 Datasheet HTML 4Page - Microchip Technology AT28C010 Datasheet HTML 5Page - Microchip Technology AT28C010 Datasheet HTML 6Page - Microchip Technology AT28C010 Datasheet HTML 7Page - Microchip Technology AT28C010 Datasheet HTML 8Page - Microchip Technology AT28C010 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
AT28C010
Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
Features
• Fast Read Access Time: 120 ns
• Automatic Page Write Operation:
– Internally organized as 131,072 x 8 (1 Mbit)
– Internal address and data latches for 128 bytes
– Internal control timer
• Fast Write Cycle Time:
– Page Write cycle time: 10 ms maximum
– 1 to 128-byte Page Write operation
• Low-Power Dissipation:
– 80 mA active current
– 300 µA CMOS standby current
• Hardware and Software Data Protection
• DATA Polling for End of Write Detection
• High Reliability CMOS Technology:
– Endurance: 10,000 or 100,000 cycles
– Data retention: 10 years
• Single 5V ± 10% Supply
• CMOS and TTL Compatible Inputs and Outputs
• JEDEC
® Approved Byte-Wide Pinout
Packages
• 32-Lead CERDIP, 32-Lead Flatpack, 32-Lead CLCC and 30-Pin PGA
© 2020 Microchip Technology Inc.
DS20006311A-page 1


Similar Part No. - AT28C010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
410Kb / 17P
1-megabit (128K x 8) Paged Parallel EEPROM
AT28C010 ATMEL-AT28C010 Datasheet
604Kb / 16P
1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12 ATMEL-AT28C010-12 Datasheet
570Kb / 11P
1 Megabit 128K x 8 Paged CMOS E2PROM
More results

Similar Description - AT28C010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010-12DK ATMEL-AT28C010-12DK Datasheet
236Kb / 17P
Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
256K (32K x 8) Paged Parallel EEPROM
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
1-megabit (128K x 8) Paged Parallel EEPROM
AT28C010-12DK ATMEL-AT28C010-12DK_05 Datasheet
241Kb / 18P
Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
256K (32K x 8) Paged Parallel EEPROM
AT24CM01-SHD ATMEL-AT24CM01-SHD Datasheet
885Kb / 21P
I2C-Compatible (2-wire) Serial EEPROM 1-Mbit (131,072 x 8)
AT24CM01 ATMEL-AT24CM01 Datasheet
858Kb / 21P
I2C-Compatible (2-wire) Serial EEPROM 1-Mbit (131,072 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com