Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4021BCPZ-R2 Datasheet(PDF) 35 Page - Analog Devices

Part # AD4021BCPZ-R2
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4021BCPZ-R2 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD4021BCPZ-R2 Datasheet HTML 31Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 32Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 33Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 34Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 35Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 36Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 37Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 38Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Data Sheet
AD4020/AD4021/AD4022
Rev. B | Page 35 of 39
CS MODE, 4-WIRE WITH THE BUSY INDICATOR
This mode is typically used when a single AD4020/AD4021/
AD4022 device is connected to an SPI-compatible digital host
with an interrupt input (IRQ), and when CNV, which samples
the analog input, is required to be independent of the signal
used to select the data reading. This independence is particularly
important in applications where low jitter on CNV is desired.
The connection diagram is shown in Figure 63, and the
corresponding timing is shown in Figure 64.
Turbo mode must be disabled to use this mode. To disable turbo
mode, set the turbo mode enable bit in the configuration
register to 0 (see Table 12). Turbo mode is disabled by default.
A rising edge on CNV initiates a conversion and forces SDO to
high impedance. When performing conversions in this mode,
SDI must be high during the CNV rising edge. CNV must be
held high throughout the conversion and data readback phase.
When performing conversions in this mode, SDI must be high
during the CNV rising edge. Prior to the minimum conversion
time (tCONV), SDI can select other SPI devices, such as analog
multiplexers. However, SDI must be returned low before the
minimum conversion time elapses and then held low for the
maximum possible conversion time to guarantee generating the
busy signal indicator. When the conversion is complete, the
AD4020/AD4021/AD4022 enter the acquisition phase and
power down. There must not be any digital activity on SCK
during the conversion.
When the conversion is complete, SDO is driven low. With a
pull-up resistor (for example, 1 kΩ) on the SDO line, this
transition can be used as an interrupt signal to initiate the data
reading controlled by the digital host. The data bits are then
clocked out MSB first on SDO by subsequent SCK falling edges.
The data is valid on both SCK edges. Although the rising edge
can capture the data, a digital host using the SCK falling edge
allows a faster reading rate, provided it has an acceptable hold
time, as dictated by tHSDO (see Table 2). The conversion result is
clocked out on SDO on the first 20 SCK falling edges. If the
status bits are enabled, they are clocked out on SDO on the 21st
through the 26th SCK falling edges (see the Status Bits section).
SDO returns to high impedance after an optional additional
SCK falling edge or the next CNV rising edge (whichever
occurs first).
SDI
SDO
CNV
SCK
CS1
CONVERT
DATA IN
CLK
DIGITAL HOST
IRQ
VIO
1kΩ
AD4020/
AD4021/
AD4022
Figure
63. CS Mode, 4-Wire with Busy Indicator Connection Diagram
SDO
D0
D1
D18
D19
tDIS
SCK
12
3
19
20
21
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
SDI
CNV
tSSDICNV
tHSDICNV
tQUIET2
Figure 64. CS Mode, 4-Wire with the Busy Indicator Serial Interface Timing Diagram (Status Bits Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com