Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4021BCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD4021BCPZ-R2
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4021BCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD4021BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 15Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
AD4020/AD4021/AD4022
Data Sheet
Rev. B | Page 14 of 39
95
100
105
110
115
120
125
130
135
140
0
2
4
8
16
32
64
128 256 512 1024
DECIMATION RATE
DYNAMIC RANGE
fIN = 1kHz
fIN = 10kHz
Figure 23. SNR vs. Decimation Rate for Various Input Frequencies, 1.8 MSPS
93
94
95
96
97
98
99
100
101
0
10
20304050
60
7080
tQUIET2 (ns)
VIO = 5.5V
VIO = 3.6V
VIO = 1.89V
Figure 24. SINAD vs. tQUIET2
60
58
55
56
59
57
54
09
8
567
4
3
2
110
TIME (Seconds)
Figure 25. 1/f Noise for 0.1 Hz to 10 Hz Bandwidth, 50 kSPS, 2500 Samples
Averaged per Reading
–85
–90
–100
–110
–95
–105
–115
–120
–125
1
10
20
INPUT FREQUENCY (KHz)
1kΩ HIGH-Z DISABLED
1kΩ HIGH-Z ENABLED
510Ω HIGH-Z DISABLED
510Ω HIGH-Z ENABLED
150Ω HIGH-Z DISABLED
150Ω HIGH-Z ENABLED
Figure 26. THD vs. Input Frequency for Various Source Impedances
–6
–4
–2
0
2
4
6
8
10
TEMPERATURE (°C)
–40
100
80
60
40
20
0
–20
120
ZERO ERROR
PFS GAIN ERROR
NFS GAIN ERROR
Figure 27. Zero Error and Gain Error vs. Temperature (PFS Is Positive Full
Scale and NFS Is Negative Full Scale)
18
6
–12
–6
12
15
0
3
–9
9
–3
–15
–5
3
1
–1
–3
5
INPUT DIFFERENTIAL VOLTAGE (V)
25°C HIGH-Z DISABLED, 1.8MSPS
25°C HIGH-Z DISABLED, 1MSPS
25°C HIGH-Z DISABLED, 500MSPS
25°C HIGH-Z ENABLED, 1.8MSPS
25°C HIGH-Z ENABLED, 1MSPS
25°C HIGH-Z ENABLED, 500MSPS
Figure 28. Analog Input Current vs. Input Differential Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com