Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4021BCPZ-R2 Datasheet(PDF) 37 Page - Analog Devices

Part # AD4021BCPZ-R2
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4021BCPZ-R2 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD4021BCPZ-R2 Datasheet HTML 31Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 32Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 33Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 34Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 35Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 36Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 37Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 38Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Data Sheet
AD4020/AD4021/AD4022
Rev. B | Page 37 of 39
LAYOUT GUIDELINES
The PCB that houses the AD4020/AD4021/AD4022 must be
designed so that the analog and digital sections are physically
separated, such as on opposite sides of the device as shown in
Figure 67. The pinout of the AD4020/AD4021/AD4022, with
the analog signals on the left side and the digital signals on the
right side, helps to separate the analog and digital signals.
Avoid running digital lines under the device because they couple
noise onto the die, unless a ground plane under the AD4020/
AD4021/AD4022 is used as a shield. Fast switching signals,
such as CNV or clocks, must not run near analog signal paths.
Avoid crossover of digital and analog signals.
At least one ground plane must be used. The ground plane can
be common or split between the digital and analog sections. In
the latter case, join the planes underneath the
AD4020/AD4021/AD4022 devices.
The AD4020/AD4021/AD4022 voltage reference input (REF)
has a dynamic input impedance. Decouple the REF pin with
minimal parasitic inductances by placing the reference decoupling
ceramic capacitor close to (ideally right up against) the REF and
GND pins, and connect them with wide, low impedance traces.
Finally, decouple the VDD and VIO power supplies of the
AD4020/AD4021/AD4022 with ceramic capacitors, typically
0.1 µF, placed close to the AD4020/AD4021/AD4022 and
connected using short, wide traces to provide low impedance paths
and to reduce the effect of glitches on the power supply lines.
An example of the AD4020 layout following these rules is
shown in Figure 67 and Figure 68. Note that the AD4021/AD4022
layout is equivalent to the AD4020 layout.
EVALUATING THE AD4020/AD4021/AD4022
PERFORMANCE
Other recommended layouts for the AD4020/AD4021/AD4022
are outlined in the user guide of the evaluation board for the
AD4020 (EVAL-AD4020FMCZ). The evaluation board package
includes a fully assembled and tested evaluation board with the
AD4020, the UG-1042 user guide, and software for controlling
the board from a PC via the EVAL-SDP-CH1Z. The EVAL-
AD4020FMCZ can also be used to evaluate the AD4021/AD4022
by limiting the throughput to 1 MSPS and 500 kSPS, respectively,
in the software (see UG-1042 for more information).
Figure
67. Example Layout of the AD4020 (Top Layer)
Figure
68. Example Layout of the AD4020 (Bottom Layer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com