Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4021BCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD4021BCPZ-R2
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4021BCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD4021BCPZ-R2 Datasheet HTML 7Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 8Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 9Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 10Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 11Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 12Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 13Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 14Page - Analog Devices AD4021BCPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Data Sheet
AD4020/AD4021/AD4022
Rev. B | Page 11 of 39
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 1.8 V, VIO = 3.3 V, VREF = 5 V, T = 25°C, high-Z mode disabled, span compression disabled, turbo mode enabled, and fS = 1.8 MSPS for
the AD4020, fS = 1 MSPS for the AD4021, and fS = 500 kSPS for the AD4022, unless otherwise noted.
2.0
1.5
1.0
0
–0.5
0.5
–1.0
–1.5
–2.0
0
131072
262144
393216
524288
CODE
655360
786432
917504 1048576
+125°C
+25°C
–40°C
Figure 5. INL vs. Code for Various Temperatures, VREF = 5 V
2.0
1.5
1.0
0
–0.5
0.5
–1.0
–1.5
–2.0
0
131072
262144
393216
524288
CODE
655360
786432
917504 1048576
+125°C
+25°C
–40°C
Figure 6. INL vs. Code for Various Temperatures, VREF = 2.5 V
3
2
0
1
–1
–2
–3
0
131072
262144
393216
524288
CODE
655360
786432
917504 1048576
HIGH-Z ENABLED
SPAN COMPRESSION ENABLED
Figure 7. INL vs. Code for High-Z and
Span Compression Modes Enabled, VREF = 5 V
1.0
0.8
0.6
0
–0.2
–0.4
0.2
0.4
–0.6
–0.8
–1.0
0
131072
262144
393216
524288
CODE
655360
786432
917504 1048576
+125°C
+25°C
–40°C
Figure 8. DNL vs. Code for Various Temperatures, VREF = 5 V
1.0
0.8
0.6
0
–0.2
–0.4
0.2
0.4
–0.6
–0.8
–1.0
0
131072
262144
393216
524288
CODE
655360
786432
917504 1048576
+125°C
+25°C
–40°C
Figure 9. DNL vs. Code for Various Temperatures, VREF = 2.5 V
1.0
0.8
0.6
0
–0.2
–0.4
0.2
0.4
–0.6
–0.8
–1.0
0
131072
262144
393216
524288
CODE
655360
786432
917504 1048576
HIGH-Z ENABLED
SPAN COMPRESSION ENABLED
Figure 10. DNL vs. Code for High-Z and
Span Compression Modes Enabled, VREF = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com