Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ27VCW Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBZ27VCW
Description  40 Watt Peak Power Zener Surge Protection Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ27VCW Datasheet(HTML) 4 Page - ON Semiconductor

  MMBZ27VCW Datasheet HTML 1Page - ON Semiconductor MMBZ27VCW Datasheet HTML 2Page - ON Semiconductor MMBZ27VCW Datasheet HTML 3Page - ON Semiconductor MMBZ27VCW Datasheet HTML 4Page - ON Semiconductor MMBZ27VCW Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBZ27VCW
www.onsemi.com
4
TYPICAL APPLICATIONS
Figure 6. Single Wire CAN Network
220 pF 10%
GND
*
Single Wire
CAN Transceiver
CLoad
Load
RLoad
9.09 kW 1%
Loss of
Ground
Protection
Circuit
VBatt
47 mH
Bus
*ESD Protection − MMBZ27VCWT1 or equivalent. May be
located in each ECU (CLoad needs to be reduced accordingly)
or at a central point near the DLC.
Figure is the recommended solution for transient EMI/ESD protection. This circuit is shown in the
Society of Automotive Engineers February, 2000 J2411 “Single Wire CAN Network for Vehicle Applications” specification
(Figure 6, page 11). Note: the dual common anode zener configuration shown above is electrically equivalent to a dual common
cathode zener configuration.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com