Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ27VCW Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBZ27VCW
Description  40 Watt Peak Power Zener Surge Protection Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ27VCW Datasheet(HTML) 3 Page - ON Semiconductor

  MMBZ27VCW Datasheet HTML 1Page - ON Semiconductor MMBZ27VCW Datasheet HTML 2Page - ON Semiconductor MMBZ27VCW Datasheet HTML 3Page - ON Semiconductor MMBZ27VCW Datasheet HTML 4Page - ON Semiconductor MMBZ27VCW Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBZ27VCW
www.onsemi.com
3
-55
+85
29
Figure 1. Typical Breakdown Voltage
versus Temperature
TEMPERATURE (
°C)
+125
28
27
26
25
+25
TYPICAL CHARACTERISTICS
BIDIRECTIONAL
10000
10
0.01
TEMPERATURE (
°C)
Figure 2. Typical Leakage Current
versus Temperature
100
1
0.1
-40
+85
+125
+25
0
25
50
75
100
125
150
175
300
250
200
150
100
50
0
Figure 3. Steady State Power Derating Curve
TEMPERATURE (
°C)
FR-5 BOARD
ALUMINA SUBSTRATE
100
50
0
01
2
3
4
t, TIME (ms)
Figure 4. Pulse Waveform
tr ≤ 10 ms
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAYS TO
50% OF IPP.
HALF VALUE—
IPP
2
PEAK VALUE—IPP
tP
100
90
80
70
60
50
40
30
20
10
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
Figure 5. Pulse Derating Curve



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com