Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ27VCW Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBZ27VCW
Description  40 Watt Peak Power Zener Surge Protection Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ27VCW Datasheet(HTML) 1 Page - ON Semiconductor

  MMBZ27VCW Datasheet HTML 1Page - ON Semiconductor MMBZ27VCW Datasheet HTML 2Page - ON Semiconductor MMBZ27VCW Datasheet HTML 3Page - ON Semiconductor MMBZ27VCW Datasheet HTML 4Page - ON Semiconductor MMBZ27VCW Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2008
August, 2020 − Rev. 3
1
Publication Order Number:
MMBZ27VCW/D
40 Watt Peak Power
Zener Surge Protection
Device
SC−70 Dual Common Cathode Zeners
MMBZ27VCW
These dual monolithic silicon zener diodes are designed for
applications requiring transient overvoltage protection capability. They
are intended for use in voltage and ESD sensitive equipment such as
computers, printers, business machines, communication systems,
medical equipment and other applications. Their dual junction common
cathode design protects two separate lines using only one package.
These devices are ideal for situations where board space is at a
premium.
Specification Features:
• SC−70 Package Allows Either Two Separate Unidirectional
Configurations or a Single Bidirectional Configuration
• Working Peak Reverse Voltage Range − 22 V
• Standard Zener Breakdown Voltage − 27 V
• Peak Power − 40 W @ 1.0 ms (Bidirectional),
per Figure 4 Waveform
• ESD Rating of Class N (exceeding 16 kV) per the Human
Body Model
• Low Leakage < 100 nA
• Flammability Rating: UL 94 V−O
• SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic case
FINISH:
Corrosion resistant finish, easily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
SC−70
CASE 419
STYLE 4
1
3
2
PIN 1. ANODE
2. ANODE
3. CATHODE
Device
Package
Shipping†
ORDERING INFORMATION
MARKING
DIAGRAM
AC
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
AC MG
G
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
www.onsemi.com
MMBZ27VCWT1G
SC−70
(Pb−Free)
3000 / Tape &
Reel
SZMMBZ27VCWT1G
SC−70
(Pb−Free)
3000 / Tape &
Reel
MMBZ27VCWT3G
SC−70
(Pb−Free)
10000 / Tape &
Reel
SZMMBZ27VCWT3G
SC−70
(Pb−Free)
10000 / Tape &
Reel


Similar Part No. - MMBZ27VCW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
110Kb / 5P
40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
110Kb / 5P
40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G_12 Datasheet
110Kb / 5P
40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
More results

Similar Description - MMBZ27VCW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1_05 Datasheet
63Kb / 6P
40 Watt Peak Power Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
MMBZ27VAWT1G ONSEMI-MMBZ27VAWT1G Datasheet
111Kb / 5P
40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
SZMMBZ27VCLT1G ONSEMI-SZMMBZ27VCLT1G Datasheet
114Kb / 5P
40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ27VCLT3G ONSEMI-SZMMBZ27VCLT3G Datasheet
114Kb / 5P
40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
MMBZ16V ONSEMI-MMBZ16V Datasheet
74Kb / 7P
40 Watt Peak Power Zener Transient Voltage Suppressors
June, 2014 ??Rev. 0
MMBZ15VDLT1G ONSEMI-MMBZ15VDLT1G Datasheet
97Kb / 5P
40 Watt Peak Power Zener Transient Voltage Suppressors
October, 2016 ??Rev. 16
MMBZXXVAWT1G ONSEMI-MMBZXXVAWT1G Datasheet
68Kb / 5P
Zener Diodes, 40 Watt Peak Power
August, 2018 ??Rev. 5
MMBZXXVXL ONSEMI-MMBZXXVXL Datasheet
136Kb / 6P
Zener Diodes, 40 Watt Peak Power
August, 2018 ??Rev. 17
MMBZXXXALT1G ONSEMI-MMBZXXXALT1G Datasheet
148Kb / 8P
Zener Diodes, 24 and 40 Watt Peak Power
August, 2016 ??Rev. 20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com