Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ27VCW Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBZ27VCW
Description  40 Watt Peak Power Zener Surge Protection Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ27VCW Datasheet(HTML) 2 Page - ON Semiconductor

  MMBZ27VCW Datasheet HTML 1Page - ON Semiconductor MMBZ27VCW Datasheet HTML 2Page - ON Semiconductor MMBZ27VCW Datasheet HTML 3Page - ON Semiconductor MMBZ27VCW Datasheet HTML 4Page - ON Semiconductor MMBZ27VCW Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBZ27VCW
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation @ 1.0 ms (Note 1) @ TL ≤ 25°C
Ppk
40
Watts
Total Power Dissipation on FR−5 Board (Note 2) @ TA = 25°C
Derate above 25°C
°PD°
200
1.6
°mW°
mW/°C
Thermal Resistance Junction−to−Ambient
RqJA
618
°C/W
Junction and Storage Temperature Range
TJ, Tstg
− 55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Nonrepetitive current pulse per Figure 4 and derate above TA = 25°C per Figure 5.
2. FR−5 = 1.0 x 0.75 x 0.62 in.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or 2 and 3)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
VBR
Maximum Temperature Coefficient of VBR
IF
Forward Current
VF
Forward Voltage @ IF
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or Pins 2 and 3)
(VF = 1.1 V Max @ IF = 200 mA)
Device
Device
Marking
VRWM
IR @ VRWM
Breakdown Voltage
VC @ IPP (Note 4)
VBR
VBR (Note 3) (V)
@ IT
VC
IPP
Volts
nA
Min
Nom
Max
mA
V
A
mV/5C
MMBZ27VCWT1G,
SZMMBZ27VCWT1G,
MMBZ27VCWT3G,
SZMMBZ27VCWT3G
AC
22
50
25.65
27
28.35
1.0
38
1.0
26
3. VBR measured at pulse test current IT at an ambient temperature of 25°C.
4. Surge current waveform per Figure 4 and derate per Figure 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com