Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221HH Datasheet(PDF) 21 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 17Page - Microsemi Corporation VSC8221HH Datasheet HTML 18Page - Microsemi Corporation VSC8221HH Datasheet HTML 19Page - Microsemi Corporation VSC8221HH Datasheet HTML 20Page - Microsemi Corporation VSC8221HH Datasheet HTML 21Page - Microsemi Corporation VSC8221HH Datasheet HTML 22Page - Microsemi Corporation VSC8221HH Datasheet HTML 23Page - Microsemi Corporation VSC8221HH Datasheet HTML 24Page - Microsemi Corporation VSC8221HH Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
21 of 26
26
H9
MDiNT
OD
Management Data interrupt
MDiNT is asserted whenever there is a change in the operating status of the
device. This open drain signal indicates a change in the PHY's link operating
conditions for which a Station Manager must interrogate to determine further
information. See Mii Register 25 and Mii Register 26 for more information.
The assertion polarity of MDiNT is determined by the presence of a pull-up or
pulldown on the MDiNT pin.
if the MDiNT pin is pulled up to VDDiOMiCRO using a 4.7k
Ω το 10kΩ resistor, it
becomes an active low signal.
if the MDiNT pin is pulled down using a 4.7k
Ω το 10kΩ resistor, then it becomes
an active high signal.
Table 9. EEPROM interface Signals
100 TFBGA
BALL
Signal Name
Type
Description
F9
EECLK/
PLLMODE
OZC/iPD
EECLK - EEPROM Clock Output.
This output is the clock line of the two-wire, MSA compliant, serial EEPROM
interface. This pin should be connected to the SCL input pin of the AT24 series of
Atmel EEPROMs. Refer to “EEPROM interface,” page 57 for details.
PLLMODE - PLL Mode Select input.
PLLMODE is sampled during the device power-up sequence or on reset. When
PLLMODE is high, the PHY expects a 125MHz clock input as the PHY's
reference clock.
When low (default), a reference clock of 25MHz is expected at the REFCLK pin
from either an external crystal or a clock reference. This pin is internally pulled
down with a 100k
Ω resistor.
G9
EEDAT
OZC/iPD
EEPROM Serial i/O Data.
This bidirectional signal is the data line of the two wire, MSA compliant, serial
EEPROM interface. This pin should be connected to the SDA pin of the AT24
series of Atmel EEPROMs. Refer to “EEPROM interface,” page 57 for details.
The PHY determines that an external EEPROM is present by monitoring the
EEDAT pin at power-up or when RESET is de-asserted. if EEDAT has a 4.7k
Ω -
10k
Ω external pull-up (to VDDiOMiCRO) resistor, it assumes an EEPROM is
present. The EEDAT pin can be left floating or grounded to indicate no EEPROM.
Table 8. Serial Management interface Signals (continued)
100 TFBGA
BALL
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com