Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221HH Datasheet(PDF) 39 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 39 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 35Page - Microsemi Corporation VSC8221HH Datasheet HTML 36Page - Microsemi Corporation VSC8221HH Datasheet HTML 37Page - Microsemi Corporation VSC8221HH Datasheet HTML 38Page - Microsemi Corporation VSC8221HH Datasheet HTML 39Page - Microsemi Corporation VSC8221HH Datasheet HTML 40Page - Microsemi Corporation VSC8221HH Datasheet HTML 41Page - Microsemi Corporation VSC8221HH Datasheet HTML 42Page - Microsemi Corporation VSC8221HH Datasheet HTML 43Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
39 of 40
40
Data is transferred over the iEEE SMi using 32-bit frames with an optional and arbitrary length preamble. The iEEE SMi frame
format is described in the following table.
• idle: During idle, the MDiO node goes to a high-impedance state. This allows an external pull-up resistor to pull the MDiO
node up to a logical “1” state. Since idle mode should not contain any transitions on MDiO, the number of bits is
undefined during idle.
• Preamble: For the VSC8221, the preamble is optional. By default, preambles are not expected or required. The preamble
is a string of “1”s. if it exists, the preamble must be at least one bit, but otherwise may be arbitrarily long. See Mii Register
1.6 for more information.
• Start of Frame: A “01” pattern indicates the start of frame. if these bits are anything other than “01”, all following bits are
ignored until the next “preamble:0” pattern is detected.
• Operation Code: A “10” pattern indicates a read. A “01” pattern indicates a write. if these bits are anything other than “01”
or “10”, all following bits are ignored until the next “preamble:0” pattern is detected.
• PHY Address: The next five bits are the PHY address. The PHY responds to a message frame only when the received
PHY address matches its physical address. The PHY's address is indicated by the CMODE1[2] and CMODE0[3:0] bits.
• Register Address: The next five bits are the register address.
• Turn-Around: The next two bits are “turn-around” (TA) bits. They are used to avoid contention when a read operation is
performed on the MDiO. During read operations, the VSC8221 will drive the second TA bit, which is a logical “0”.
• Data: The next sixteen bits are data bits. When data is being read from the PHY, data is valid at the output of the PHY
from one rising edge of MDC to the next rising edge of MDC. When data is being written to the PHY, data must be valid
around the rising edge of MDC.
• idle: The sequence is repeated.
The following two figures diagram iEEE SMi read and iEEE SMi write operations.
Figure 12. MDiO Read Frame
Table 19. SMi Frame Format
Direction
from
VSC8221
Preamble
Start of
Frame
Op Code
PHY
Address
Register
Address
Turn-
Around
Data
idle
# of
bits
1+
2255216
?
Read
Output
Z’s
ZZ
ZZ
Z’s
Z’s
Z0
data
Z’s
input
1’s
01
10
addr
addr
ZZ
Z’s
Z’s
Write
Output
Z’s
ZZZZZ’s
Z’s
ZZZ’s
Z’s
input
1’s
01
01
addr
addr
10
data
Z’s
MDC
MDIO
Preamble
(optional)
SFD
1
Z10
Read
1
0
PHY Address
A4 A3 A2 A1 A0 R4 R3 R2 R1 R0
Register Address
to PHY
Z0
TA
Register Data from PHY
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Z
Z
Idle
Idle
Z
Station Manager Drives MDIO
PHY Drives MDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com