Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221HH Datasheet(PDF) 68 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 68 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 64Page - Microsemi Corporation VSC8221HH Datasheet HTML 65Page - Microsemi Corporation VSC8221HH Datasheet HTML 66Page - Microsemi Corporation VSC8221HH Datasheet HTML 67Page - Microsemi Corporation VSC8221HH Datasheet HTML 68Page - Microsemi Corporation VSC8221HH Datasheet HTML 69Page - Microsemi Corporation VSC8221HH Datasheet HTML 70Page - Microsemi Corporation VSC8221HH Datasheet HTML 71Page - Microsemi Corporation VSC8221HH Datasheet HTML 72Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
68 of 106
106
0.12 – Auto-Negotiation Enable
After a power-up or reset, the PHY automatically activates the auto-negotiation state machine, setting bit 0.12 to a “1”. if a “0” is
written to bit 0.12, the auto-negotiation process is disabled and the present contents of the PHY’s SMi register bits determine
the operating characteristics. Note that auto-negotiation is always required in 1000BASE-T mode.
0.11 – Power-Down
Power-Down functions the same as Software Reset, except that it is not self-clearing, and that R/W SMi bits are not restored to
their default states by Power-Down. The RGMii pins (except for SMi pins MDC, MDiO, and MDiNT#) are electrically isolated
during power-down. After Power-Down is released (i.e., set to “0”), the PHY will be ready for normal operation before the next
SMi transaction. if auto-negotiation is enabled, the PHY will begin auto-negotiation immediately upon exiting Power-Down.
0.10 – isolate1
When isolate is asserted (i.e., set to “1”), all Serial MAC outputs (except for MDiO) will be high impedance. Operation of the
PHY is otherwise unaffected. For example, if isolate is asserted while CAT5 auto-negotiation is under way, auto-negotiation will
continue unaffected.
0.9 – Restart Auto-Negotiation
When restart auto-negotiation is asserted (i.e., set to “1”), the auto-negotiation state machine will restart the auto-negotiation
process, even if it is in the midst of an auto-negotiation process. This control bit is self-clearing, meaning that it will always return
a “0” when read.
0.8 – Duplex Mode
Bit 0.8 determines the duplex mode of the VSC8221 when auto-negotiation is disabled. Changes to the state of Duplex Mode
while auto-negotiation is enabled are ignored.
0.7 – Reserved
0.5:0 – Reserved
1When set, while the PHY’s SerDes side auto-negotiation function is enabled, the PHY will drop the CAT5 link. Also, setting of this bit does not
disable the output clock on the SCLKP and SCLKN pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com