Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8221HH Datasheet(PDF) 89 Page - Microsemi Corporation

Part # VSC8221HH
Description  Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8221HH Datasheet(HTML) 89 Page - Microsemi Corporation

Back Button VSC8221HH Datasheet HTML 85Page - Microsemi Corporation VSC8221HH Datasheet HTML 86Page - Microsemi Corporation VSC8221HH Datasheet HTML 87Page - Microsemi Corporation VSC8221HH Datasheet HTML 88Page - Microsemi Corporation VSC8221HH Datasheet HTML 89Page - Microsemi Corporation VSC8221HH Datasheet HTML 90Page - Microsemi Corporation VSC8221HH Datasheet HTML 91Page - Microsemi Corporation VSC8221HH Datasheet HTML 92Page - Microsemi Corporation VSC8221HH Datasheet HTML 93Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 138 page
background image
VSC8221
Data Sheet
VMDS-10106 Revision 4.1
December 2006
89 of 106
106
25.15 – interrupt Pin Enable
When bit 25.15 is set to “1”, the hardware interrupt is enabled, meaning that the state of the external interrupt pin (MDiNT) can
be influenced by the state of the interrupt Status bit (26.15). When bit 25.15 is set to “0”, the interrupt status bits (Register 26)
continue to be set in response to interrupts, but the interrupt hardware pin MDiNT on the VSC8221 will not be influenced by this
particular PHY.
25.14 – Reserved
25.13 – Link State-Change interrupt Mask
When bit 25.13 is set to “1”, the Link State-Change / Energy Detect interrupt is enabled.
25.12 – Reserved
25.11 – Auto-Negotiation Error interrupt Mask
When bit 25.11 is set to “1”, the Auto-Negotiation Error interrupt is enabled.
25.10 – Auto-Negotiation-Done / interlock Done interrupt Mask
When bit 25.10 is set to “1”, the Auto-Negotiation-Done interrupt is enabled.
25.9 – inline Powered Device Detected interrupt Mask
When bit 25.9 is set to “1”, the inline Powered Device Detected interrupt is enabled.
25.8 – Symbol Error interrupt Mask
When bit 25.8 is set to “1”, the Symbol Error interrupt is enabled.
25.7 – Descrambler Lock-Lost interrupt Mask
When bit 25.7 is set to “1”, the Descrambler Lock-Lost interrupt is enabled.
25.6 – TX FiFO interrupt Mask
When bit 25.6 is set to “1”, the TX FiFO interrupt is enabled.
6
TX FiFO interrupt Mask
R/W
1 = Enable TX FiFO interrupt
0 = Disable TX FiFO interrupt
0
S
5
RX FiFO interrupt Mask
R/W
1 = Enable RX FiFO interrupt
0 = Disable RX FiFO interrupt
0
S
4
Reserved
RO
0
3
False Carrier interrupt Mask
R/W
1 = Enable False Carrier interrupt
0 = Disable False Carrier interrupt
0
S
2
Cable impairment Detect interrupt
Mask
R/W
1 = Enable Cable impairment Detect interrupt
0 = Disable Cable impairment Detect interrupt
0
S
1
MASTER/SLAVE Resolution Error
interrupt Mask
R/W
1 = Enable MASTER/SLAVE interrupt
0 = Disable MASTER/SLAVE interrupt
0
S
0
RXER interrupt Enable
R/W
1 = Enable RX_ER interrupt
0 = Disable RX_ER interrupt
0
S
Register 25 (19h) – interrupt Mask Register
Bit
Name
Access States
Reset
Value
Sticky



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com