Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1000 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCR03EZPFX1000
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCR03EZPFX1000 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCR03EZPFX1000 Datasheet HTML 20Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 21Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 22Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 23Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 24Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 25Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 26Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 27Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
FIGURE B-1:
EVB-KSZ9477 BOARD POWER I/O AND REGULATORS
3V3
2.5V / 1A
1.2V / 3A
3.3V / 6A
0.1uF
C30
10k
R28
0.1uF
C38
D3
1A, 20V
L1
6.8uH
4.7uF
C33
4.7uF
C32
1uF
C40
8.2k
1%
R22
2.61k
1%
R26
3V3
10k
R18
10k
R30
3V3
10000pF
C47
1uF
C49
249k
1%
R32
240k
1%
R31
1uH
L2
4.7uF
C41
22uF
C43
0.1uF
C48
10R
R29
33pF
C42
22uF
C44
0.1uF
C45
19.1k
R23
0.1uF
C36
5V_MAIN
2V5
1V2
3v3out
1v2out
FB
24
EN
26
PVIN
13
FB
EN
PVIN
PGND
5
SW
9
MIC24051YJL
VIN
27
PVIN
14
PVIN
15
PVIN
16
PVIN
17
PVIN
18
PVIN
19
PGND
6
PGND
7
PGND
8
PGND
21
PGND
2
VDD
28
CS
22
SGND
23
SW
10
SW
11
SW
12
SW
4
BST
20
PVDD
1
NC
3
PG
25
PGND_ePAD
31
SW_ePAD
30
PVIN_ePAD
29
U3
1uF
C46
1.8V / 1A
3V3
10k
R24
68k
R25
20k
R27
102k
R19
20k
R20
Requirement: 1.6A
Requirement: 0.2A
Requirement: 0.4A
Requirement: 2A
MIC23303YML
SS
7
FB
6
EN
4
SNS
5
PVIN
11
SS
FB
EN
SNS
PVIN
PGND
12
EP
13
PG
3
SW
1
PVIN
10
SW
2
AVIN
9
U5
10uF
DNP
C35
4700pF
C31
10uF
C37
10uF
C28
10uF
C39
10uF
C29
VDDIODDR
2.2uF
C172
100uF
C34
1
2
3
2.1 mm
5V (typ)
J8
5V DC Barrel Jack
0.1uF
C27
5V_MAIN
1
2
3
J7
5V_F
5V_SW
2A
VBUS
2
3
1
SW4
*1-2
1k
R117
4A FB
F1
22R
R17
5V Select
5V Pwr Off/On
5V_MAIN
0R
R148
TP6
Black
TP7
Black
TP8
TP10
TP9
TP11
TP12
VDD
VDD
TP4
Br Grn
D2
"5V Main"
2.2k
R21
nSHDN
1
VIN
2
GND
3
VOUT
4
ADJ
5
GND_TAB
6
U2
MCP1826T-ADJ
nSHDN
1
VIN
2
GND
3
VOUT
4
ADJ
5
GND_TAB
6
U4
MCP1826T-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com