Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1000 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCR03EZPFX1000
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCR03EZPFX1000 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCR03EZPFX1000 Datasheet HTML 22Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 23Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 24Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 25Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 26Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 27Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 28Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 29Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
FIGURE B-3:
EVB-KSZ9477 ETHERNET PORT AND SGMII SFP
GA1
14
GC1
13
GREEN (LINK/ACT)
SHIELD1
0
GA2
16
GC2
15
GREEN (Duplex/Collision)
TRD1-
10
TRCT1
12
TRD1+
11
TRD4-
9
TRCT4
7
TRD4+
8
TRD2-
5
TRCT2
6
TRD2+
4
TRD3-
2
TRCT3
1
TRD3+
3
J2
RJ45 Magjack
GA1
14
GC1
13
GREEN (LINK/ACT)
SHIELD1
0
GA2
16
GC2
15
GREEN (Duplex/Collision)
TRD1-
10
TRCT1
12
TRD1+
11
TRD4-
9
TRCT4
7
TRD4+
8
TRD2-
5
TRCT2
6
TRD2+
4
TRD3-
2
TRCT3
1
TRD3+
3
J3
RJ45 Magjack
GA1
14
GC1
13
GREEN (LINK/ACT)
SHIELD1
0
GA2
16
GC2
15
GREEN (Duplex/Collision)
TRD1-
10
TRCT1
12
TRD1+
11
TRD4-
9
TRCT4
7
TRD4+
8
TRD2-
5
TRCT2
6
TRD2+
4
TRD3-
2
TRCT3
1
TRD3+
3
J5
RJ45 Magjack
GA1
14
GC1
13
GREEN (LINK/ACT)
SHIELD1
0
GA2
16
GC2
15
GREEN (Duplex/Collision)
TRD1-
10
TRCT1
12
TRD1+
11
TRD4-
9
TRCT4
7
TRD4+
8
TRD2-
5
TRCT2
6
TRD2+
4
TRD3-
2
TRCT3
1
TRD3+
3
J1
RJ45 Magjack
GA1
14
GC1
13
GREEN (LINK/ACT)
SHIELD1
0
GA2
16
GC2
15
GREEN (Duplex/Collision)
TRD1-
10
TRCT1
12
TRD1+
11
TRD4-
9
TRCT4
7
TRD4+
8
TRD2-
5
TRCT2
6
TRD2+
4
TRD3-
2
TRCT3
1
TRD3+
3
J4
RJ45 Magjack
LED4_1
4
LED4_0
4
LED3_1
4
LED3_0
4
LED5_0
4
LED5_1
4
LED2_1
4
LED2_0
4
LED1_1
4
LED1_0
4
0.1uF
C2
0.1uF
C4
0.1uF
C6
0.1uF
C8
S_TX7_N
4
S_TX7_P
4
S_RX7_N
4
S_RX7_P
4
3V3
0.1uF
C18
0.1uF
C21
0.1uF
C20
VccT
VccR
10k
R10
10k
R14
SFP_TX_Fault
SFP_TX_Disable
SFP_LOS
TP1 Rate_Sel
3V3
2
4
VCC
GND
VCC
GND
D
C
D
U1
74LVC1G14GW,125
3V3
Br Grn
D1
PORT 7 SFP
Signal Present LED
0.1uF
C1
0.1uF
C3
0.1uF
C5
0.1uF
C7
0.1uF
C10
0.1uF
C12
0.1uF
C14
0.1uF
C16
0.1uF
C9
0.1uF
C11
0.1uF
C13
0.1uF
C15
0.1uF
C22
0.1uF
C23
0.1uF
C24
0.1uF
C25
EARTH_ETH
EARTH_ETH
3V3
3V3
EARTH_ETH
3V3
3V3
EARTH_ETH
3V3
3V3
EARTH_ETH
3V3
3V3
EARTH_ETH
3V3
3V3
1k
R16
0.1uF
C26
Port 1
Port 2
Port 3
Port 4
Port 5
P1_TXRXA_P
4
P1_TXRXA_N
4
P1_TXRXB_P
4
P1_TXRXB_N
4
P1_TXRXC_P
4
P1_TXRXC_N
4
P1_TXRXD_P
4
P1_TXRXD_N
4
P2_TXRXA_P
4
P2_TXRXA_N
4
P2_TXRXB_P
4
P2_TXRXB_N
4
P2_TXRXC_P
4
P2_TXRXC_N
4
P2_TXRXD_P
4
P2_TXRXD_N
4
P3_TXRXA_P
4
P3_TXRXA_N
4
P3_TXRXB_P
4
P3_TXRXB_N
4
P3_TXRXC_P
4
P3_TXRXC_N
4
P3_TXRXD_P
4
P3_TXRXD_N
4
P4_TXRXA_P
4
P4_TXRXA_N
4
P4_TXRXB_P
4
P4_TXRXB_N
4
P4_TXRXC_P
4
P4_TXRXC_N
4
P4_TXRXD_P
4
P4_TXRXD_N
4
P5_TXRXA_P
4
P5_TXRXA_N
4
P5_TXRXB_P
4
P5_TXRXB_N
4
P5_TXRXC_P
4
P5_TXRXC_N
4
P5_TXRXD_P
4
P5_TXRXD_N
4
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
J20
20P SFP
PA19_TWCK2
8
PA18_TWD2
8
Unused SFP pins:
2 TX Fault output
6 Presence pin (internally grounded)
7 Rate Select input
TP2
10uF
C17
10uF
C19
1
X1
SFP Cage TH
330R
R1
330R
R2
330R
R3
330R
R4
330R
R5
330R
R6
330R
R7
330R
R8
330R
R9
330R
R15
220R
FB2
220R
FB3
600R
FB1
1k
R13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com