Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1000 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCR03EZPFX1000
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCR03EZPFX1000 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCR03EZPFX1000 Datasheet HTML 11Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 12Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 13Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 14Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 15Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 16Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 17Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 18Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
EVB-KSZ9477
EVALUATION BOARD
USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002594A-page 15
Chapter 2. Board Details & Configuration
This section includes sub-sections on the following EVB-KSZ9477 details:
•Power
• Resets
• Clocks
• Configuration
• Mechanicals
2.1
POWER
2.1.1
+5V Power
A 5V/2A power supply should be connected to J8 on the board. The SW4 switch must
be in the ON position to power the board. The F1 fuse is provided on the board for the
over voltage protection.
2.2
RESETS
2.2.1
Power-on Reset
There are two push button switches, SW1 and SW3 available on board. The SW1
switch is a master reset which resets both the MPU and the KSZ9477 Ethernet switch.
SW3 resets only the KSZ9477.
2.3
CLOCKS
The evaluation board utilizes a crystal oscillator that provides 25 MHz clock to the
KSZ9477 device. The board also features an external clock, DCS1101, which provides
125 MHz 25 ppm clock to the MCU device in the SGMII mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com