Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1000 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCR03EZPFX1000
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCR03EZPFX1000 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCR03EZPFX1000 Datasheet HTML 24Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 25Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 26Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 27Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 28Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 29Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 30Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 31Page - Microchip Technology MCR03EZPFX1000 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
FIGURE B-5:
EVB-KSZ9477 POWER CONNECTIONS FOR SWITCH AND SOC
0.1uF
C55
0.1uF
C56
0.1uF
C57
0.1uF
C58
0.1uF
C59
0.1uF
C54
0.1uF
C53
0.1uF
C52
0.1uF
C51
0.1uF
C69
0.1uF
C70
0.1uF
C71
0.1uF
C68
0.1uF
C67
0.1uF
C66
0.1uF
C65
0.1uF
C80
0.1uF
C81
0.1uF
C82
0.1uF
C83
0.1uF
C84
0.1uF
C79
0.1uF
C78
0.1uF
C77
0.1uF
C76
0.1uF
C60
0.1uF
C61
0.1uF
C63
0.1uF
C64
0.1uF
C72
0.1uF
C73
3V3
VDDHS2v5
VDDLS1v2
AVDDL1v2
1V2
AVDDH2v5
1V2
0.1uF
C88
0.1uF
C89
0.1uF
C90
0.1uF
C91
0.1uF
C92
0.1uF
C93
VDDIOP
0.1uF
C97
0.1uF
C98
0.1uF
C99
0.1uF
C100
VDDIODDR
0.1uF
C103
0.1uF
C104
0.1uF
C108
0.1uF
C109
VDDIOM
0.1uF
C102
0.1uF
C110
VDDOSC
0.1uF
C111
3V3
0.1uF
C113
VDDPLLA
0.1uF
C114
VDDANA
0.1uF
C115
GNDUTMI
GNDUTMI
VDDUTMIC
0.1uF
C116
0R
R36
3V3
1uF
C95
1uF
C50
1uF
C75
AVDDH2v5
VDDHS2v5
2V5
2V5
VDDIOP
VDDIOM
VDDOSC
VDDANA
4.7uF
C87
10uH
L3
2.2R
R33
3V3
3V3
3V3
3V3
3V3
VDDPLLA
VDDUTMIC
4.7uF
C112
4.7uF
C107
10uH
L5
10uH
L4
2.2R
R34
2.2R
R35
1V2
1V2
AVDDL1v2
VDDLS1v2
1V2
1V2
1V2
1V2
VDDIODDR_1
D13
VDDIODDR_2
F14
VDDIODDR_3
G10
VDDIODDR_4
G13
VDDIODDR_5
H11
ADVREF
L5
VDDANA
L6
VDDFUSE
R3
VDDPLLA
R10
VDDIOM_1
P12
VDDIOM_2
T16
VDDOSC
U11
VDDUTMII
U13
VDDUTMIC
V13
GNDCORE_1
A16
GNDCORE_2
C9
GNDIODDR_1
E14
GNDIODDR_2
F10
GNDIODDR_3
F13
GNDIODDR_4
F15
GNDIODDR_5
H14
GNDIOP_1
J7
GNDIOM_1
J11
GNDANA
L4
GNDIOP_2
N11
GNDCORE_3
N13
GNDFUSE
P4
GNDPLL
P10
GNDUTMII
R12
GNDCORE_4
T8
GNDOSC
T11
GNDBU
T13
GNDCORE_5
T14
GNDIOM_2
T17
GNDIOP_3
U7
GNDCORE_6
V17
GNDIOP_4
E5
VDDIOP0_1
G7
VDDIOP1_1
L11
VDDIOP1_2
M4
VDDIOP0_2
V11
VDDBU
V15
VDDCORE_1
C5
VDDCORE_2
C7
VDDCORE_3
D14
VDDCORE_4
T7
VDDCORE_5
T15
VDDCORE_6
U17
VDDCORE_7
V7
VDDIODDR_1
VDDIODDR_2
VDDIODDR_3
VDDIODDR_4
VDDIODDR_5
ADVREF
VDDANA
VDDFUSE
VDDPLLA
VDDIOM_1
VDDIOM_2
VDDOSC
VDDUTMII
VDDUTMIC
GNDCORE_1
GNDCORE_2
GNDIODDR_1
GNDIODDR_2
GNDIODDR_3
GNDIODDR_4
GNDIODDR_5
GNDIOP_1
GNDIOM_1
GNDANA
GNDIOP_2
GNDCORE_3
GNDFUSE
GNDPLL
GNDUTMII
GNDCORE_4
GNDOSC
GNDBU
GNDCORE_5
GNDIOM_2
GNDIOP_3
GNDCORE_6
GNDIOP_4
VDDIOP0_1
VDDIOP1_1
VDDIOP1_2
VDDIOP0_2
VDDBU
VDDCORE_1
VDDCORE_2
VDDCORE_3
VDDCORE_4
VDDCORE_5
VDDCORE_6
VDDCORE_7
ATSAMA5D36A_BGA324
U7H
100R
R86
3V3_R
1V2_R1
1V2_R2
VDDIO
61
VDDIO
68
GND
109
AVDDL
3
VDDLS
71
GND
107
AVDDH
10
NC
108
GND
80
GND
75
VDDIO
99
VDDHS
72
DVDDL
11
DVDDL
23
DVDDL
45
DVDDL
56
DVDDL
66
DVDDL
70
DVDDL
87
DVDDL
104
DVDDL
110
AVDDL
14
AVDDL
19
AVDDL
30
AVDDL
36
AVDDL
41
AVDDH
22
AVDDH
33
AVDDL
124
AVDDL
119
AVDDL
114
AVDDH
44
AVDDH
111
AVDDH
122
AVDDH
128
GND
123
GND
77
VDDLS
84
VDDHS
83
ePAD
129
2.5V I/O
1.2V CORE
GND
47
GND
46
GND
69
KSZ9477S
U6B
10uF
6.3V
0603
C85
10uF
6.3V
0603
C74
10uF
6.3V
0603
C86
10uF
6.3V
0603
C62
10uF
6.3V
0603
C96
10uF
6.3V
0603
C117
4.7uF
C101
0.1uF
C174
4.7uF
C173
VDDIODDR
220R
FB5
220R
FB6
220R
FB7
220R
FB8
220R
FB10
220R
FB11
220R
FB12
A copper plane for
GNDUTMI covers all
USB components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com