Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC50F5 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PC50F5
Description  FRD MODULE 50A/500V/trr:90nsec
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PC50F5 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PC50F5 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PC50F5 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FRD MODULE 50A/500V/trr:90nsec
PC50F5
PC50F5
PC50F5
PC50F5
Maximum Ratings
Approx Net Weight:105g
Voltage
Voltage
Voltage
Voltage Rating
Rating
Rating
Rating
Symbol
PC50F5
Unit
Repetitive Peak Reverse Voltage
per Arm
VRRM
500
V
Electri
Electri
Electri
Electrical Rating
cal Rating
cal Rating
cal Rating
Condition
Condition
Condition
Condition
Rating
Rating
Rating
Rating
Average Rectified Output Current
IO
50Hz Half Sine Wave condition
per Arm Tc=90
°C
50
A
RMS Forward Current
IF(RMS) per Arm
78
A
Surge Forward Current
IFSM
50 Hz Half Sine Wave,1cycle
Non-repetitive per Arm
800
A
I Squared t
I2t
2 msec to 10 msec per Arm
3200
A2s
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminal, AC1min
2000
V
Case mounting(recommended)
2.6
Mounting torque
Ftor
Terminal Screw(recommended)
1.4
N•m
Electrical
• Thermal Characteristics
Characteristics
Symbol
Test Conditions
Max. Unit
Peak Forward Voltage
VFM
IFM= 50A, Tj=25
°C, per Arm
1.35
V
Peak Reverse Current
IRM
VRM= VRRM, Tj= 150
°C, per Arm
10
mA
Reverse Recovery Time
trr
IFM= 10A, -di/dt= 50 A/
µs, Ta= 25°C
Per Arm
90
ns
Rth(j-c) Junction to Case per Arm
0.8
Thermal Resistance
Rth(c-f)
Base Plate to Heat Sink with Thermal
Compound
0.1
°C/W
Internal Lead Inductance
Ls
Anode Terminal to Cathode Terminal
Per Element
30
nH
FEATURES
* Isolated Base
* Dual Diode Cathode Common
* Ultra Fast Recovery
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* High Frequency Rectification
OUTLINE DRAWING


Similar Part No. - PC50F5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC50F2 NIEC-PC50F2 Datasheet
215Kb / 2P
50A Avg 200 Volts
PC50F2 NIEC-PC50F2 Datasheet
29Kb / 2P
FRD MODULE 50A/200Vtrr:80nsec
logo
Kyocera Kinseki Corpota...
PC50F2 KSS-PC50F2 Datasheet
461Kb / 2P
Fast Recovery Diode
logo
National Instruments Co...
PC50F2 NI-PC50F2_15 Datasheet
221Kb / 2P
50A Avg 200 Volts
logo
Nihon Inter Electronics...
PC50F4 NIEC-PC50F4 Datasheet
29Kb / 2P
FRD MODULE 50A/400V/TRR:80NSEC
More results

Similar Description - PC50F5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD50F5 NIEC-PD50F5 Datasheet
29Kb / 2P
FRD MODULE - 50A/500Vtrr:90NSEC
PH270F2 NIEC-PH270F2 Datasheet
30Kb / 2P
FRD MODULE 270A/200V/trr:150nsec
PD50F6 NIEC-PD50F6 Datasheet
29Kb / 2P
FRD MODULE 50A/600V/ TRR : 100 NSEC
PC50F4 NIEC-PC50F4 Datasheet
29Kb / 2P
FRD MODULE 50A/400V/TRR:80NSEC
PH270F6 NIEC-PH270F6 Datasheet
30Kb / 2P
FRD MODULE 270A/600V/trr:170nsec
PC50F6 NIEC-PC50F6 Datasheet
29Kb / 2P
FRD MODULE 50A/600V/trr:100nsec
PC100F6 NIEC-PC100F6 Datasheet
30Kb / 2P
FRD MODULE 100A/600V/trr:110nsec
PD50F4 NIEC-PD50F4 Datasheet
29Kb / 2P
FRD MODULE - 50A/400V/trr:80nsec
PD100F6 NIEC-PD100F6 Datasheet
30Kb / 2P
FRD MODULE - 100A/600V/trr:110nsec
PD300F12 NIEC-PD300F12 Datasheet
33Kb / 2P
FRD MODULE - 300A/1200V/trr:250nsec
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com