Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546BCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 40Page - Analog Devices AD9546BCPZ Datasheet HTML 41Page - Analog Devices AD9546BCPZ Datasheet HTML 42Page - Analog Devices AD9546BCPZ Datasheet HTML 43Page - Analog Devices AD9546BCPZ Datasheet HTML 44Page - Analog Devices AD9546BCPZ Datasheet HTML 45Page - Analog Devices AD9546BCPZ Datasheet HTML 46Page - Analog Devices AD9546BCPZ Datasheet HTML 47Page - Analog Devices AD9546BCPZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 44 of 205
0
100
200
300
400
500
600
700
800
0
0.2
0.4
0.6
0.8
1.0
TIME (Seconds)
1.2
1.4
1.6
1.8
2.0
Figure 15. DC-Coupled, Single-Ended, 1 Hz Output Waveforms Using HCSL
7.5 mA and 15 mA Mode Terminated 50 Ω to Ground per Figure 46;
Slew Rate ≈ 7 V/ns for 15 mA Mode; ~3.5 V/ns for 7.5 mA Mode
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
400
TIME (μs)
HCSL, 7.5mA (SLEW RATE ~2.4V/ns)
CML, 7.5mA (SLEW RATE ~2.7V/ns)
HCSL, 15mA (SLEW RATE ~5.4V/ns)
CML, 15mA (SLEW RATE ~6V/ns)
Figure 16. 8 kHz Output Waveforms for Various Driver Settings;
HCSL Drivers Terminated 50 Ω to Ground per Figure 39;
CML Drivers Terminated 50 Ω to 1.8 V per Figure 40
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
HCSL, 7.5mA, 10MHz
CML, 7.5mA, 10MHz
HCSL, 15mA, 10MHz
CML, 15mA, 10MHz
Figure 17. 10 MHz Output Waveforms for Various Driver Settings;
HCSL Drivers Terminated 50 Ω to Ground per Figure 39;
CML Drivers Terminated 50 Ω to 1.8 V per Figure 40
1.0
–1.0
–0.6
0
0.2
0.6
0.8
–0.2
–0.8
–0.4
0.6
0
1
4
6
8
10
2
3
5
7
9
11
12
TIME (ns)
CML
HCSL
Figure 18. 156.25 MHz Output Waveform (15 mA Driver Setting);
HCSL Drivers Terminated 50 Ω to Ground per Figure 39;
CML Drivers Terminated 50 Ω to 1.8 V per Figure 40
1.0
–1.0
–0.6
0
0.2
0.6
0.8
–0.2
–0.8
–0.4
0.6
0
1
4
6
8
10
2
3
5
7
9
11
12
TIME (ns)
CML
HCSL
Figure 19. 312.5 × 66 MHz/64 MHz Output Waveform (15 mA Driver
Setting); HCSL Drivers Terminated 50 Ω to Ground per Figure 39;
CML Drivers Terminated 50 Ω to 1.8 V per Figure 40
0
1
2
3
4
5
CML
HCSL
1.0
–1.0
–0.6
0
0.2
0.6
0.8
–0.2
–0.8
–0.4
0.6
TIME (ns)
Figure 20. 491.52 MHz Output Waveform (15 mA Driver Setting);
HCSL Drivers Terminated 50 Ω to Ground per Figure 39;
CML Drivers Terminated 50 Ω to 1.8 V per Figure 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com