Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546BCPZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 56Page - Analog Devices AD9546BCPZ Datasheet HTML 57Page - Analog Devices AD9546BCPZ Datasheet HTML 58Page - Analog Devices AD9546BCPZ Datasheet HTML 59Page - Analog Devices AD9546BCPZ Datasheet HTML 60Page - Analog Devices AD9546BCPZ Datasheet HTML 61Page - Analog Devices AD9546BCPZ Datasheet HTML 62Page - Analog Devices AD9546BCPZ Datasheet HTML 63Page - Analog Devices AD9546BCPZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 60 of 205
Although the local time scale is precise (frequency stable), it is
likely not accurate. That is, the time indicated by the local time
scale is with respect to an arbitrary starting time. Stated another
way, the epoch of the local time scale is arbitrary. The purpose
of the CCS is to provide a means to produce an internal
common time scale with a precise epoch determined by the
user. In practice, the user provides a physical trigger event (the
synchronization arrow in Figure 51) along with a numeric
entry of the time associated with the trigger event (the time
arrow in Figure 51), which effectively assigns an epoch. The
CCS uses the trigger event and numeric entry to produce a
precise time shifted version of the local time scale (the common
time scale) synchronized to the desired epoch. More
importantly, in the context of multiple AD9546 devices in a
digitized clocking system, the user can use the CCS of each
device to obtain precise alignment of the common time scale
across devices.
The diagram in Figure 51 is a functional representation of the
CCS. The key points of interest are the time and synchronization
inputs, synchronization offset refinement, the slew limiter, and
the summing node with the common time scale (a time shifted
version of the local time scale) as its output.
SYNCHRONIZATION SOURCE
The synchronization source constitutes the time stamp source
associated with the synchronization input of Figure 51. The
arrival of each time stamp from the selected synchronization
source constitutes a synchronization event. In operation, when
a synchronization event occurs, the user updates the synchroniza-
tion time (see the Synchronization Time section) associated
with that synchronization event, but before the occurrence of
the next synchronization event.
Because the common clock DPLL has access to a primary and
secondary (optional) reference source for producing the local
time scale, the CCS also has access to a primary and secondary
(optional) synchronization source. Whenever the common
clock DPLL switches between primary and secondary
references, the CCS automatically switches to its primary or
secondary synchronization source, commensurate with the
common clock DPLL (a one to one correspondence).
To assign the primary synchronization source, use Bits[4:0] of
Register 0x0D11. To assign the secondary synchronization
source, use Bits[4:0] of Register 0x0D21. In legacy auxiliary
DPLL operation, the CCS uses the source specified in Bits[4:0]
of Register 0x0D11.
If possible, the recommendation is to use REFB and/or REFBB
as the synchronization source to the CCS because REFB and
REFBB provide access to the analog loopback function (see the
Analog Clock Loopback section).
The local time scale appears as one of the synchronization
sources associated with the synchronization input in Figure 51.
The user can employ the local time scale for immediate
synchronization rather than using a time stamp source. Immediate
synchronization is useful for forcing a synchronization trigger
in applications where the user is not transporting the common
time scale across multiple devices or does not require the
common time scale to have a specific epoch, but wants to use
one (or more) of the digitized clocking resources (a UTS, for
example). In such cases, the immediate trigger is necessary to
make the CCS ready for use by the digitized clocking resources.
To select immediate synchronization, use 0x1E or 0x1F for
Bits[4:0] associated with the primary or secondary
synchronization source selection.
When the common clock DPLL experiences a reference
switchover, there is a direct impact on the CCS. First, the
synchronization source changes to primary or secondary in
keeping with the new reference source (primary or secondary).
Likewise, the synchronization time (see the Synchronization
Time section) and skew (see the Adding Time Skew to the
Synchronization Time section) change in keeping with the new
reference source (primary or secondary). In addition, the CCS
flushes any synchronization data previously captured.
However, the synchronization offset presently applied by the
CCS to the common time scale remains in effect. Likewise, the
filtering state of the synchronization offset refinement block
(see the Synchronization Offset Refinement section) and the
condition of the slew limiter (see the Synchronization Slew
Limiter section) also remain in effect.
Because the CCS flushes old synchronization data on a
reference switchover, the CCS has no synchronization event to
which it can compare the first synchronization time update.
This condition causes a synchronization error and prevents the
CCS from performing the intended synchronization. However,
the next complete synchronization event clears the
synchronization error with synchronization proceeding
normally from that point onward.
TAGGED SYNCHRONIZATION
Tagged synchronization only applies when the synchronization
source originates from a TDC generating tagged time stamps.
Thus, tagged synchronization does not apply to immediate
synchronization (that is, using the common time scale as the
synchronization source).
For a source with tagged time stamps (see the Tagged Time
Stamps section), the user has the option of synchronizing to
only the tagged time stamps from that source. To enable the
tagged synchronization feature, program a Logic 1 in Bit 7 of
Register 0x0D11 for the primary synchronization source and/or
Register 0x0D21 for the secondary synchronization source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com