Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546BCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 54Page - Analog Devices AD9546BCPZ Datasheet HTML 55Page - Analog Devices AD9546BCPZ Datasheet HTML 56Page - Analog Devices AD9546BCPZ Datasheet HTML 57Page - Analog Devices AD9546BCPZ Datasheet HTML 58Page - Analog Devices AD9546BCPZ Datasheet HTML 59Page - Analog Devices AD9546BCPZ Datasheet HTML 60Page - Analog Devices AD9546BCPZ Datasheet HTML 61Page - Analog Devices AD9546BCPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 58 of 205
COMMON CLOCK REFERENCE SWITCHOVER
The CCDPLL uses an integrated controller to handle the
activation and deactivation of the loop based on the status of
the CCRs. Because the CCDPLL supports redundant CCRs, the
controller requires a priority scheme to handle transitions from
one CCR to another.
The controller gives nonrevertive priority to CCR0, meaning
that after the controller activates the loop using a specific CCR,
the controller continues using that CCR until the CCR
invalidates. If both CCRs are operational at power-up, however,
there is the risk that CCR1 may validate before CCR0, causing
CCR1 to be the active reference, which is contrary to the
desired nonrevertive priority assigned to CCR0. The controller
solves this potential problem by adding a validation delay to the
validation of CCR1. The delay ensures nonrevertive priority to
CCR0, but the delay is only in effect when CCR0 is invalid (the
delay is unnecessary otherwise).
The user can determine which reference is currently active via
Bit 3 of Register 0x0D40. Logic 0 or Logic 1 indicates CCR0 or
CCR1 is active, respectively. Bit 3 is undefined for legacy
auxiliary DPLL operation.
ACTIVE STATUS
The CCDPLL provides a status bit that indicates the CCDPLL
is actively tracking a reference input signal. To check the active
status of the CCDPLL, use Bit 0 of Register 0x0D40, where
Logic 1 indicates the common clock DPLL is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com