Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9546BCPZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9546BCPZ Datasheet HTML 3Page - Analog Devices AD9546BCPZ Datasheet HTML 4Page - Analog Devices AD9546BCPZ Datasheet HTML 5Page - Analog Devices AD9546BCPZ Datasheet HTML 6Page - Analog Devices AD9546BCPZ Datasheet HTML 7Page - Analog Devices AD9546BCPZ Datasheet HTML 8Page - Analog Devices AD9546BCPZ Datasheet HTML 9Page - Analog Devices AD9546BCPZ Datasheet HTML 10Page - Analog Devices AD9546BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 7 of 205
SPECIFICATIONS
The minimum and maximum values apply for the full range of supply voltage and operating temperature variations. Typical values apply
for VDD = 1.8 V and TA= 25°C, unless otherwise noted.
OPERATING TEMPERATURE
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING TEMPERATURE
Ambient Temperature1
−40
+85
°C
Die Temperature2
+105
°C
Internal temperature sensor readings exceeding 105°C indicate
excessive die temperature
1
See the Thermal Resistance section for additional information.
2
The maximum die temperature supports the performance stated in Table 2 to Table 39. The maximum operating die temperature takes precedence over the
maximum ambient operating temperature. Use the internal temperature sensor to measure the AD9546 die temperature (see the Temperature Sensor section).
SUPPLY VOLTAGE
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
VDDIOA and VDDIOB
1.71
1.8
3.465
V
1.8 V, 2.5 V, and 3.3 V operation supported
VDD
1.71
1.8
1.89
V
SUPPLY CURRENT
The minimum, typical, and maximum supply current values given in Table 3 are for the minimum, typical, and maximum supply voltage
specifications in Table 2.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT FOR TYPICAL
CONFIGURATION
Uses the Typical Configuration conditions in Table 4
VDDIOx Current (IVDDIOx)
5
8
mA
Aggregate current for all VDDIOx pins (where x = A or B)
VDD Current (IVDD)
325
330
mA
Aggregate current for all VDD pins
SUPPLY CURRENT FOR LINE CARD
CONFIGURATION
Uses the Line Card Configuration conditions in Table 4; see the
Digitized Clocking Application section for line card information
IVDDIOx
5
8
mA
Aggregate current for all VDDIOx pins (where x = A or B)
IVDD
325
330
mA
Aggregate current for all VDD pins
SUPPLY CURRENT FOR TIMING CARD
CONFIGURATION
Uses the Timing Card Configuration conditions in Table 4; see
the Digitized Clocking Application section for timing card
information
IVDDIOx
5
8
mA
Aggregate current for all VDDIOx pins (where x = A or B)
IVDD
325
330
mA
Aggregate current for all VDD pins
SUPPLY CURRENT FOR ALL BLOCKS
RUNNING CONFIGURATION
Uses the All Blocks Running Configuration conditions in Table 4
IVDDIOx
5
8
mA
Aggregate current for all VDDIOx pins (where x = A or B)
IVDD
410
440
mA
Aggregate current for all VDD pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com