Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5300BCCZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5300BCCZN-R7
Description  Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5300BCCZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5300BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
ADRF5300
Rev. 0 | Page 5 of 11
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
GND
RFC
GND
GND
GND
CTRL
GND
VDD
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
ADRF5300
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST
BE CONNECTED TO THE RF AND DC
GROUND OF THE PCB.
Figure 2. Pin Configuration (Top View)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 4 to 7, 9 to 11, 13,
15 to 17, 19, 20
GND
Ground. The GND pins must be connected to the RF and dc ground of the PCB.
3
RFC
RF Common Port. The RFC pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is
required when the RF line potential is equal to 0 V dc. See Figure 3 for the interface schematic.
8
RF1
RF Throw Port 1. The RF1 pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor
is required when the RF line potential is equal to 0 V dc. See Figure 3 for the interface schematic.
12
VDD
Positive Supply Voltage Input. See Figure 5 for the interface schematic.
14
CTRL
Control Voltage Input. See Figure 4 for the interface schematic.
18
RF2
RF Throw Port 2. The RF2 pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor
is required when the RF line potential is equal to 0 V dc. See Figure 3 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and dc ground of the PCB.
INTERFACE SCHEMATICS
RFC,
RF1,
RF2
Figure 3. RFC, RF1, and RF2 Pins Interface Schematic
VDD
VDD
CTRL
Figure 4. CTRL Pin Interface Schematic
GND
GND
VDD
CLAMP
Figure 5. VDD Pin Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com