Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5300BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5300BCCZN-R7
Description  Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5300BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5300BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ADRF5300
Data Sheet
Rev. 0 | Page 10 of 11
RFC
GND
CTRL
VDD
GND
RF2
RF1
7mil
7mil
14mil
8mil
10mil
EPAD
Figure 18. Probe Matrix Board, Top Layer
The probe matrix board includes a through reflect line (TRL)
calibration kit allowing board loss de-embedding. The actual
board duplicates the same layout in matrix form, which allows
multiple devices to assemble at once. Insertion loss and return
loss measurements are made on the probe matrix board, whereas
isolation measurements are made on the ADRF5300-EVALZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com