Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5300BCCZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5300BCCZN-R7
Description  Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5300BCCZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5300BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
ADRF5300
Rev. 0 | Page 7 of 11
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT
VDD = 3.3 V, VCTRL = 0 V or VDD, TCASE = 25°C, and a 50 Ω system, unless otherwise noted. All of the large signal performance parameters
are measured on the ADRF5300-EVALZ.
40
30
31
32
33
34
35
36
37
38
39
26
27
28
29
30
31
32
FREQUENCY (GHz)
TCASE = +85°C
TCASE = +25°C
TCASE = +105°C
TCASE = –40°C
Figure 10. Input P0.1dB vs. Frequency, RF1 Selected
68
66
64
62
60
58
56
54
52
50
26
27
28
29
30
31
32
FREQUENCY (GHz)
TCASE = +85°C
TCASE = +25°C
TCASE = +105°C
TCASE = –40°C
Figure 11. Input IP3 vs. Frequency, RF1 Selected
40
30
31
32
33
34
35
36
37
38
39
26
27
28
29
30
31
32
FREQUENCY (GHz)
TCASE = +85°C
TCASE = +25°C
TCASE = +105°C
TCASE = –40°C
Figure 12. Input P0.1dB vs. Frequency, RF2 Selected
70
66
66
64
62
60
58
56
54
52
50
26
27
28
29
30
31
32
FREQUENCY (GHz)
TCASE = +85°C
TCASE = +25°C
TCASE = +105°C
TCASE = –40°C
Figure 13. Input IP3 vs. Frequency, RF2 Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com