Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5300BCCZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5300BCCZN-R7
Description  Silicon, SPDT Switch, Reflective, 24 GHz to 32 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5300BCCZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5300BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5300BCCZN-R7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Data Sheet
ADRF5300
Rev. 0 | Page 9 of 11
APPLICATIONS INFORMATION
LAYOUT CONSIDERATIONS
The design of the ADRF5300-EVALZ serves as a layout
recommendation for the ADRF5300 application.
The ADRF5300-EVALZ is a 4-layer evaluation board. The
outer copper (Cu) layers are 0.5 oz (0.7 mil) plated to 1.5 oz
(2.2 mil) separated by dielectric materials. Figure 15 shows the
ADRF5300-EVALZ stack up.
For additional information on application circuit design, see
the ADRF5300-EVALZ user guide.
0.5oz Cu (0.7mil)
RO4003
0.5oz Cu (0.7mil)
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
W = 14mil
G = 7mil
T = 2.2mil
H = 8mil
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
Figure 15. ADRF5300-EVALZ Stack Up
All RF and dc traces are routed on the top copper layer,
whereas the inner and bottom layers are grounded planes that
provide a solid ground for the RF transmission lines. The top
dielectric material is 8 mil Rogers RO4003, offering optimal high
frequency performance. The middle and bottom dielectric
materials provide mechanical strength. The total board
thickness is 62 mil, which allows 2.4 mm RF launchers to
connect at the board edges.
RF AND DIGITAL CONTROLS
The RF transmission lines are designed using a coplanar
waveguide (CPWG) model, with a trace width of 14 mil and a
ground clearance of 7 mil to have a characteristic impedance of
50 Ω. For optimal RF and thermal grounding, as many plated
through vias as possible are arranged around transmission lines
and under the exposed pad of the package.
The RF ports (RFC, RF1, and RF2) connect through 50 Ω
transmission lines to the 2.4 mm RF launchers. On the VDD pin,
a 100 pF bypass capacitor filters high frequency noise.
Figure 16 shows the simplified application circuit for the
ADRF5300-EVALZ.
RFC
RF2
RF1
GND
GND
RFC
GND
GND
GND
GND
GND
CTRL
VDD
VDD
VCTRL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
ADRF5300
100pF
Figure 16. ADRF5300-EVALZ Simplified Application Circuit
PROBE MATRIX BOARD
The probe matrix board is a 4-layer evaluation board. This
board also uses an 8 mil Rogers RO4003 dielectric. The outer
copper (Cu) layers are 0.5 oz (0.7 mil) plated to 1.5 oz (2.2 mil).
The RF transmission lines were designed using a CPWG model
with a width of 14 mil and a ground spacing of 7 mil to have a
characteristic impedance of 50 Ω.
0.5oz Cu (0.7mil)
RO4003
0.5oz Cu (0.7mil)
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
W = 14mil
G = 7mil
T = 2.2mil
H = 8mil
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
Figure 17. Probe Matrix Board Stack Up
Figure 17 shows the probe matrix board stack up, which is the
same as the ADRF5300-EVALZ, but with a different layout that
is designed to perform measurements using GSG probes at
close proximity to the RFC, RF1, and RF2 pins. Probing
reduces the reflections caused by mismatch arising from the
connectors, cables, and board layout, which results in a more
accurate measurement of the insertion loss and the return loss.
Signal coupling between the RF probes limits the isolation
measurement. Figure 18 shows the top view of the probe matrix
board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com