Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM280 Datasheet(PDF) 11 Page - Carlo Gavazzi Holding AG

Part # EM280
Description  Multi-channel power analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EM280 Datasheet(HTML) 11 Page - Carlo Gavazzi Holding AG

Back Button EM280 Datasheet HTML 7Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 8Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 9Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 10Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 11Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 12Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 13Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 14Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 15Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Carlo Gavazzi Controls S.p.A.
EM280
EM280 DS ENG
01/02/2018
References
Order code
EM280 72D MV
3X
S
(16 total characters)
Enter the code, replacing the symbol
with the selected option (e.g.: EM280 72D MV5 3X
OS X).
Code
Options Description
E
-
-
M
-
-
2
-
-
8
-
-
0
-
-
7
-
-
2
-
-
D
-
-
M
-
-
V
-
-
5
230 V L-N, 400 V L-L ac, connection via TCD06BS or TCD06BX
6
120 V L-N, 230 V L-L ac, connection via TCD06BS or TCD06BX
3
-
-
X
-
-
O S
RS485 port and double digital output
2 S
Double RS485 port for daisy chain connection
X
Standard configuration
N
"Bare" configuration. With respect to the standard configuration, the bare version does NOT include:
detachable terminals for voltage connections,
detachable terminals for daisy chain connection via RS485 port (only for option
2S).
Accessories: order codes
Code
Options
Description
EM270WS V 1T
Replacing the symbol
with the cable length. Lengths
available:
30, 60, 90, 150, 200 cm.
Pre-wired cables for voltage connection
(one terminal block).
EM270WS V 2T
Replacing the symbol
with the cable length. Lengths
available:
30, 60, 90, 150, 200 cm.
Pre-wired cables for voltage connection
(two terminal blocks).
EM270WS S 2T
Replacing the symbol
with the cable length. Lengths
available:
60, 90, 120, 180, 230 cm.
Pre-wired cables for RS485 connection
(two terminal blocks).
EM270WS T V
-
20 detachable terminal blocks for voltage
connections.
EM270WS T C
-
20 plastic protection covers for voltage
output.
EM270WS T S
-
20 detachable terminal blocks for daisy
chain connection of RS485 port.
EM200-96 ADAPT-
ER
-
Adapter to 96 x 96 panel mounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com