Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM280 Datasheet(PDF) 17 Page - Carlo Gavazzi Holding AG

Part # EM280
Description  Multi-channel power analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EM280 Datasheet(HTML) 17 Page - Carlo Gavazzi Holding AG

Back Button EM280 Datasheet HTML 10Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 11Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 12Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 13Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 14Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 15Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 16Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 17Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 18Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Carlo Gavazzi Controls S.p.A.
TCD06BX
EM280 DS ENG
01/02/2018
Features
General
Material
Frianyl C3 H V0 GY7035/TA
Protection degree
Front: IP50
Terminals
RJ-11 connector
Overvoltage category
Cat. III
Pollution degree
2
Insulation
60s 1500 V ac (RJ connectors to housing)
Mounting
Panel mounting, by means of four removable hooks
Weight
350 g (packaging included)
117,50
n6
,90
17,50
Environmental specifications
Operating temperature
From -25 to +55 °C/from -13 to +131 °F
Storage temperature
From -30 to +70 °C/from -22 to +158 °F
Electrical specifications
Primary current (In)
32 A
Maximum current (con-
tinuous)
1.2 In
Maximum system volt-
age
0.72 kV ac
Frequency
From 45 to 65 Hz
Accuracy
0.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com