Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM280 Datasheet(PDF) 5 Page - Carlo Gavazzi Holding AG

Part # EM280
Description  Multi-channel power analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EM280 Datasheet(HTML) 5 Page - Carlo Gavazzi Holding AG

  EM280 Datasheet HTML 1Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 2Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 3Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 4Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 5Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 6Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 7Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 8Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Carlo Gavazzi Controls S.p.A.
EM280
EM280 DS ENG
01/02/2018
Conformity
Directives
2014/35/EU (LVT - Low Voltage)
2014/30/EU (EMC - Electro Magnetic Compatibility)
2011/65/EU (Electric-electronic equipment hazardous substances)
Standards
Electromagnetic compatibility (EMC) - emissions and immunity: EN62052-11
Electrical safety: EN61010-1
Pulse outputs: IEC62053-31, DIN43864
Approvals
Electrical specifications
Electrical system and loads
Managed electrical
system
Single-phase (2-wire)
Three-phase without neutral (3-wire)
Three-phase with neutral (4-wire)
Number of loads man-
aged
Single-phase systems: up to 6 single-phase loads
Three-phase systems: up to 2 three-phase loads or up to 6 single-phase loads
Voltage inputs
MV5
MV6
Voltage connection
Direct
Rated voltage L-N (from
Un min to Un max)
From 160 to 240 V
From 57.7 to 133 V
Rated voltage L-L (from
Un min to Un max)
From 277 to 415 V
From 100 to 230 V
Voltage tolerance
-15%, +10%
Overload
Continuous: 1.2 Un max
For 500 ms: 2 Un max
Input impedance
1600 kΩ
Frequency
From 45 to 65 Hz
Current inputs
Current connection
Via transformer block TCD06BS or TCD06BX
Primary current
Automatic setting of primary current of connected TCD06B
Rated current (In)
32 A (primary current of TCD06BS or TCD06BX)
Minimum current (lmin)
0.02 In
Maximum current (lmax) 1.2 In
Start-up current (lst)
0.002 In
Overload
Continuous: 1.2 In
For 500 ms: 2 In
Input impedance
< 0.2 VA
Power supply
Power supply
Self powered, between L2 and L3
Consumption
2 W, ≤ 4 VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com