Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM280 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # EM280
Description  Multi-channel power analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EM280 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  EM280 Datasheet HTML 1Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 2Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 3Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 4Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 5Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 6Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 7Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 8Page - Carlo Gavazzi Holding AG EM280 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Carlo Gavazzi Controls S.p.A.
EM280
EM280 DS ENG
01/02/2018
Architecture (example with transformer block TCD06BX)
Main features
• Up to 2 three-phase loads or 6 single-phase loads managed simultaneously.
• Up to 32 A input current via 6-channel transformer block TCD06BS or TCD06BX.
• Three installation configurations: on DIN rails, mounted on panel of 72 x 72 or 96 x 96 (with optional adapter).
• Single load measurements: V, A, W/VA/var, kWh, kvarh. Total load measurements: W/VA/var, kWh, kvarh.
• Display of electrical variables: 3 digits. Display of energy meters: 7 digits.
• Accuracy: better than a combination of a class 1 meter and a class 0.5 current transformer.
• Easy connection function.
• Up to 20 EM280 connected in cascade.
• RS485 port.
• Optional outputs: additional RS485 port for chain connection or two pulse outputs.
• Self power supply via voltage inputs.
• Detachable terminals and sealable terminal caps.
• Configuration via keypad or UCS configuration software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com