Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6522 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # AMMP-6522
Description  7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6522 Datasheet(HTML) 3 Page - Broadcom Corporation.

  AMMP-6522 Datasheet HTML 1Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Table 3. Thermal Properties
Parameter
Test Conditions
Value
Thermal Resistance,
qjc
Ambient operational temperature TA = 25°C
Channel-to-backside Thermal Resistance Tchannel(Tch)=34°C
Thermal Resistance at backside temperature Tb=25°C
qjc = 27 °C/W
Absolute Minimum and Maximum Ratings
Table 4. Minimum and Maximum Ratings
Description Pin
Min.
Max.
Unit
Comments
Drain to Ground Supply Voltage, Vd
5.5
V
Gate to Ground Voltage, Vg
+0.8
V
Drain Current , Id
100
mA
Gate Current, Ig
1
mA
RF CW Input Power, Pin
10
dBm
CW
Channel Temperature, Tch
+150
°C
Storage Temperature, Tstg
-65
+150
°C
Maximum Assembly Temperature, Tmax
260
°C
20 second maximum
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com