Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6522 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # AMMP-6522
Description  7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6522 Datasheet(HTML) 5 Page - Broadcom Corporation.

  AMMP-6522 Datasheet HTML 1Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
18
16
14
12
10
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
Vg = -1.2 V
Vg = -1.1 V
Vg = -1.0 V
Vg = -0.9 V
2
0
-2
-4
-6
-8
-10
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
Vg = -1.2 V
Vg = -1.1 V
Vg = -1.0 V
Vg = -0.9 V
20
15
10
5
0
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
4 V
3 V
5 V
5
4
3
2
1
0
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
4 V
3 V
5 V
0
-10
-20
-30
0
10
20
30
40
50
FREQUENCY (GHz)
25C
-40C
85C
5
0
-5
-10
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
4 V
3 V
5 V
0
-10
-20
-30
0
10
20
30
40
50
FREQUENCY (GHz)
25C
-40C
85C
5
4
3
2
1
0
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
25C
-40C
85C
AMMP-6522 Typical Performance (cont.)[1,2]
(TA = 25°C, Vd = 4 V, Id = 75 mA, Vg = -1 V, Ig = 0 mA, Zin = Zout = 50 Ω), IF Freq = 2 GHz, LO Power = +15 dBm unless
noted)
Figure 9. Conversion gain over Vg
Figure 12. Noise figure over Vd
Figure 11. Receiver conversion gain over Vd
Figure 10. Input IP3 over Vga
Figure 14. Input IP3 over Vd
Figure 13. Return loss at RF over temperature
Figure 16. Noise figure over temperature
Figure 15. Return loss at LO over temperature
Notes:
1. S-parameters are measured with R&D Eval Board as shown in Figure 19. Board and connector effects are included in the data.
2. Noise Figure is measured with R&D Eval Board as shown in Figure 19, and with a 3-dB pad at input. Board and connector losses are already de-
embeded from the data.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com