Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6522 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # AMMP-6522
Description  7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6522 Datasheet(HTML) 4 Page - Broadcom Corporation.

  AMMP-6522 Datasheet HTML 1Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
AMMP-6522 Typical Performance[1,2]
(TA = 25°C, Vd = 4 V, Id = 75 mA, Vg = -1 V, Ig = 0 mA, Zin = Zout = 50 Ω), IF Freq = 2 GHz,
LO Power = +15 dBm unless noted)
Figure 4. Typical input IP3
Figure 3. Return loss at RF & LO ports
Figure 2. Typical noise figure
Figure 1. Receiver conversion gain
Figure 6. Input IP3 vs. LO power (RF = 15 GHz)
Figure 5. Conv gain vs. LO power (RF = 15 GHz)
Figure 8. Input IP3 at two IF frequencies
Figure 7. LSB conversion gain at two IF frequencies
20
10
0
-10
-20
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
LSB
USB
5
4
3
2
1
0
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
0
-10
-20
-30
0
10
20
30
40
50
FREQUENCY (GHz)
RF
LO
5
0
-5
-10
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
20
10
0
-10
-6
-2
2
6
10
14
18
LO POWER (dBm)
LSB
USB
0
-5
-10
-15
-20
-5
0
5
10
15
20
LO POWER (dBm)
20
15
10
5
0
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
IF = 1 GHz
IF = 2 GHz
2
0
-2
-4
-6
-8
-10
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
IF = 1 GHz
IF = 2 GHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com