Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6522 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # AMMP-6522
Description  7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMMP-6522 Datasheet(HTML) 6 Page - Broadcom Corporation.

  AMMP-6522 Datasheet HTML 1Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 2Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 3Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 4Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 5Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 6Page - Broadcom Corporation. AMMP-6522 Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Biasing and Operation
The AMMP-6522 is normally biased with a positive
drain supply connected to the Vd pin and a negative
gate voltage connected to the Vg pin through bypass
capacitors as shown in Figure 17. The recommended
drain supply voltage is 4 V and gate bias voltage is -1V.
The corresponding currents are 75 mA and 0.1 mA re-
spectively. The typical required LO level is +15 dBm and
it should come from a low noise driver to ensure that
overall Front End NF is low.
The image rejection performance is dependent on the
selection of the IF quadrature hybrid. The performance
of the IF hybrid as well as the phase balance and VSWR
of the interface to the AMMP-6522 will affect the overall
front end performance.
There is minimal performance degradation if Vdd is
lowered to 3 V or raised to 5 V. If lower current is re-
quired, then Vd = 3 V will provide considerably similar RF
performance.
Figure 17. Application of receiver with IF Balun
The recommended Vg is -1 V. However, depending on
the operating frequency, Vg can be changed to achieve
better performance for that particular frequency.
Please refer to Figures 9 and 10 for how to best select the
appropriate Vg for the intended frequency of operation.
Theoretically IF frequencies can be as low as DC. However,
when direct conversion is used (IF = DC), a so-called
phenomenon DC-offset could occur at the two IF
outputs. In most practical applications, IF should be
more than a few hundreds kHz to avoid DC-offset cor-
rection.
Refer the Absolute Maximum Ratings table for allowed
DC and thermal condition.
RF
IF1
LSB
NC
IF2
Vd
Vd
USB
LO
IF
RF
1000 pF
NC
Vg
LO
LO
+15 dBm
IF
1-3.5 GHz
USB
TOP VIEW
PACKAGE BASE: GND
IF
Vg
1000 pF
LSB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com