Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RJ45-AQ502 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # ASMT-RJ45-AQ502
Description  0.45-mm Leadframe-Based Surface Mount ChipLED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASMT-RJ45-AQ502 Datasheet(HTML) 3 Page - Broadcom Corporation.

  ASMT-RJ45-AQ502 Datasheet HTML 1Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 2Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 3Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 4Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 5Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 6Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 7Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 8Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Broadcom
AV02-0378EN
3
ASMT-Rx45-xxxxx Data Sheet
0.45-mm Leadframe-Based Surface Mount ChipLED
Absolute Maximum Ratings at TA = 25°C
Electrical Characteristics at TA = 25°C
Optical Characteristics at TA = 25°C
Parameter
ASMT-Rx45
Units
DC Forward Current a
a. Applies when a single LED is illuminated.
20
mA
Power Dissipation
48
mW
Reverse Voltage (IR = 100 mA)
5
V
LED Junction Temperature
110
°C
Operating Temperature Range
–40 to +100
°C
Storage Temperature Range
–40 to +100
°C
Part Number
Forward Voltage
VF (Volts)a @ IF = 20 mA
a. VF tolerance: ±0.1V.
Reverse Breakdown
VR (Volts) @ IR = 100 µA
Thermal Resistance
RθJ-PIN (°C/W)
Min.
Typ.
Max.
Min.
Typ.
ASMT-Rx45-Axxxx
1.6
2.0
2.4
5
246
Part Number
Color
Peak Wavelength
peak (nm)
Dominant Wavelength
da (nm)
a. The dominant wavelength,
d, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
Viewing Angle
2θ1/2b (Degrees)
b. θ1/2 is the off-axis angle where the luminous intensity is ½ the peak intensity.
Typical
Typical
Typical
ASMT-RR45-AQ902
Red
636
622
145
ASMT-RJ45-AQ502
Orange
612
605
145
ASMT-RF45-AN002
Yellow Green
574
573
145
ASMT-RA45-AP932
Amber
593
591
145
ASMT-RH45-AQ502
Red Orange
621
615
145



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com