Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RJ45-AQ502 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # ASMT-RJ45-AQ502
Description  0.45-mm Leadframe-Based Surface Mount ChipLED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASMT-RJ45-AQ502 Datasheet(HTML) 1 Page - Broadcom Corporation.

  ASMT-RJ45-AQ502 Datasheet HTML 1Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 2Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 3Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 4Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 5Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 6Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 7Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 8Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
Broadcom
AV02-0378EN
April 3, 2019
Description
The ultra-thin ASMT-Rx45 ChipLEDs from Broadcom® were
developed based on the industrial standard ChipLED 0603
platform, which requires less board space. These ChipLEDs
provide a wide viewing angle of 130 degrees to improve
visibility in bright sunlight.
In addition to the high-brightness and compact size,
Broadcom's ASMT-Rx45 ChipLEDs provide two significant
advantages in the production environment: They can be
easily soldered using the IR solder reflow process, and the
package is qualified to a Joint Electronic Device
Engineering Council (JEDEC) moisture sensitive level
(MSL) rating of 2a. For manufacturers, this rating means
that these ChipLEDs can be kept in the open air (30°C, 60%
relative humidity) for up to four weeks after being removed
from its sealed package without the need to remove
absorbed moisture.
Broadcom's ultra-thin Leadframe ChipLED is available in
red, orange, yellow green, and amber colors. The
ASMT-Rx45 series is ideal for use by lighting designers
developing backlighting for dashboards and entertainment
consoles in automobiles, backlighting of industrial switches
and buttons, and small pixel indoor signs.
Features
Industrial 0603 platform – 1.6 mm × 0.8 mm × 0.45 mm
Automotive qualified
Super wide 145° viewing angle
JEDEC MSL 2a.
Robust operating temperature from –40°C to +100°C
Junction temperature TJ = 110°C
Available in 4000 parts per reel
RoHS and IR reflow compatible
Applications
Interior automotive
– Navigation backlighting
– Audio panel backlighting
– Push button backlighting
Office automation, home appliances, and industrial
equipment
– Front panel backlighting
– Push button backlighting
– LCD backlighting
– Switch backlighting
– Navigation backlighting
CAUTION! ASMT-Rx45 LEDs are Class 1C ESD sensitive per JESD22-A114C.01. Observe appropriate precautions
during handling and processing. Refer to Application Note AN-1142 for additional details.
ASMT-Rx45-xxxxx
0.45-mm Leadframe-Based Surface Mount
ChipLED


Similar Part No. - ASMT-RJ45-AQ502

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-RJ45-AQ502 AVAGO-ASMT-RJ45-AQ502 Datasheet
376Kb / 8P
0.45mm Leadframe-Based Surface Mount ChipLED Super wide 145 deg viewing angle
More results

Similar Description - ASMT-RJ45-AQ502

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-RX45-XXXXX AVAGO-ASMT-RX45-XXXXX Datasheet
264Kb / 8P
0.45mm Leadframe-Based Surface Mount ChipLED
logo
BRIGHT LED ELECTRONICS ...
BL-HD1X133B-TR BRIGHT-BL-HD1X133B-TR Datasheet
331Kb / 7P
SURFACE MOUNT CHIPLED LAMP SPECIFICATION
BL-HG036A-AV-TRB BRIGHT-BL-HG036A-AV-TRB Datasheet
467Kb / 8P
SURFACE MOUNT CHIPLED LAMP SPECIFICATION
BL-HG436A-TR BRIGHT-BL-HG436A-TR Datasheet
289Kb / 7P
SURFACE MOUNT CHIPLED LAMP SPECIFICATION
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-RR45-AQ902 AVAGO-ASMT-RR45-AQ902 Datasheet
376Kb / 8P
0.45mm Leadframe-Based Surface Mount ChipLED Super wide 145 deg viewing angle
HSMR-CL25 AVAGO-HSMR-CL25 Datasheet
184Kb / 6P
0.25mm Blue Leadframe-Based Surface Mount ChipLED
HSMW-CL25 AVAGO-HSMW-CL25 Datasheet
178Kb / 6P
0.25mm White Leadframe-Based Surface Mount ChipLED
HSMF-C150 AVAGO-HSMF-C150 Datasheet
403Kb / 7P
Bi Color Surface Mount ChipLED
logo
Broadcom Corporation.
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
High Performance Surface Mount ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com