Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RJ45-AQ502 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # ASMT-RJ45-AQ502
Description  0.45-mm Leadframe-Based Surface Mount ChipLED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASMT-RJ45-AQ502 Datasheet(HTML) 2 Page - Broadcom Corporation.

  ASMT-RJ45-AQ502 Datasheet HTML 1Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 2Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 3Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 4Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 5Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 6Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 7Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 8Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Broadcom
AV02-0378EN
2
ASMT-Rx45-xxxxx Data Sheet
0.45-mm Leadframe-Based Surface Mount ChipLED
Package Dimensions
NOTE:
1. All dimensions are in millimeters.
2. Tolerance is ± 0.1 mm unless otherwise specified.
Device Selection Guide
NOTE:
1. The luminous intensity, lv, is measured at the peak of the spatial radiation pattern, which may not be aligned
with the mechanical axis of the LED package.
2. Tolerance: ±15%.
Part Numbering System
Part Number
Min. Iv
(mcd)
Typ. Iv
(mcd)
Test Current
(mA)
Colors
Dice
Technology
Package Description
ASMT-RR45-AQ902
90.0
120.0
20
Red
AlInGaP
Untinted, Diffused
ASMT-RJ45-AQ502
71.5
130.0
20
Orange
AlInGaP
Untinted, Diffused
ASMT-RF45-AN002
28.0
60.0
20
Yellow Green
AlInGaP
Untinted, Diffused
ASMT-RA45-AP932
57.0
90.0
20
Amber
AlInGaP
Untinted, Diffused
ASMT-RH45-AQ502
71.5
110.0
20
Red Orange
AlInGaP
Untinted, Diffused
0.8
0.45
LED Die
Resin
Lead
Frame
Cathode
Side
A S M T - R X1 45 -
Packaging Option
Color Bin Selection
Max. Intensity Bin
Min. Intensity Bin
LED Chip Color
X2 X3 X4 X5 X6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com