Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RJ45-AQ502 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # ASMT-RJ45-AQ502
Description  0.45-mm Leadframe-Based Surface Mount ChipLED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASMT-RJ45-AQ502 Datasheet(HTML) 4 Page - Broadcom Corporation.

  ASMT-RJ45-AQ502 Datasheet HTML 1Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 2Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 3Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 4Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 5Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 6Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 7Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 8Page - Broadcom Corporation. ASMT-RJ45-AQ502 Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Broadcom
AV02-0378EN
4
ASMT-Rx45-xxxxx Data Sheet
0.45-mm Leadframe-Based Surface Mount ChipLED
Figure 1: Relative Intensity vs. Wavelength
Figure 2: Forward Current vs. Forward Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
380
430
480
530
580
630
680
730
780
WAVELENGTH-nm
YELLOW
GREEN
AMBER
ORANGE
RED
1
10
100
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
V F - FORWARD VOLTAGE - V
RED
AMBER/
ORANGE
YELLOW
GREEN
Figure 3: Luminous Intensity vs. Forward Current
Figure 4: Maximum Forward Current vs. Ambient Temper-
ature. Derated based on TJMAX = 110°C, RJA = 465°C/W.
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0
5
10
15
20
25
30
IF - FORWARD CURRENT - mA
0
5
10
15
20
25
0
20
40
60
80
100
120
AMBIENT TEMPERATURE - °C
Figure 5: Radiation Pattern
Figure 6: Recommended Soldering Land Pattern
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1 mm (±0.004 in.) unless otherwise
specified.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
ANGLE
0.8
(0.031)
0.8
(0.031)
0.8
(0.031)
0.7
(0.028)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com