Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM60-K/OF Datasheet(PDF) 6 Page - Recom International Power

Part # RACM60-K/OF
Description  60 Watt Open Frame 2?쐘3??& 2?쐘4??Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM60-K/OF Datasheet(HTML) 6 Page - Recom International Power

Back Button RACM60-K/OF Datasheet HTML 2Page - Recom International Power RACM60-K/OF Datasheet HTML 3Page - Recom International Power RACM60-K/OF Datasheet HTML 4Page - Recom International Power RACM60-K/OF Datasheet HTML 5Page - Recom International Power RACM60-K/OF Datasheet HTML 6Page - Recom International Power RACM60-K/OF Datasheet HTML 7Page - Recom International Power RACM60-K/OF Datasheet HTML 8Page - Recom International Power RACM60-K/OF Datasheet HTML 9Page - Recom International Power RACM60-K/OF Datasheet HTML 10Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.recom-power.com
REV.: 1/2020
PA-6
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM60-K/OF
Series
EMC Compliance (Industrial according EN55032)
Condition
Standard / Criterion
Electromagnetic compatibility of multimedia equipment - Emission requirements
LCS200402130BE
EN55032:2015, Class B
Electromagnetic compatibility of multimedia equipment - Immunity requirements
EN55035:2017
ESD Electrostatic discharge immunity test
Air: ±2, 4, 8kV
Contact: ±2, 4kV
EN61000-4-2:2009, Criteria B
Radiated, radio-frequency, electromagnetic field immunity test
3 V/m (80-5000MHz)
EN61000-4-3:2006+A2:2010, Criteria A
Fast Transient and Burst Immunity
AC Port: L-N 2kV
EN61000-4-4:2004+A1:2010, Criteria B
Surge Immunity
L-N: 1kV
L (N)-PE: 2kV
EN61000-4-5:2014 + A1:2017, Criteria B
Immunity to conducted disturbances, induced by radio-frequency fields
AC Port:
3Vrms (0.15-80MHz)
3-1Vrms (10-30MHz)
1Vrms (30-80MHz)
EN61000-4-6:2014+A1:2015, Criteria A
Power Magnetic Field Immunity
1A/m
EN61000-4-8:2010, Criteria A
Voltage Dips and Interruptions
Dips: 100%
30%
Interruptions:100%
EN61000-4-11:2004 +A1:2017, Criteria B
EN61000-4-11:2004 +A1:2017, Criteria C
EN61000-4-11:2004 +A1:2017, Criteria C
Limits of Voltage Fluctuations & Flicker
EN61000-3-3:2013
EMC Compliance (Industrial according EN61204-3)
Condition
Standard / Criterion
Low voltage power supplies, d.c. output Part 3: Electromagnetic compatibility (EMC)
LCS200402132BE
EN/IEC61204-3:2018, Class B
ESD Electrostatic discharge immunity test
Air: ±2, 4, 8kV
Contact: ±2, 4kV
EN61000-4-2:2009, Criteria B
Radiated, radio-frequency, electromagnetic field immunity test
10V/m (80-1000MHz)
3V/m (1400-2000MHz)
1V/m (2000-2700MHz)
EN61000-4-3:2006+A2:2010, Criteria A
Fast Transient and Burst Immunity
AC Port: L-N 2kV
EN61000-4-4:2012, Criteria B
Surge Immunity
L-N: 1kV
L (N)-PE: 2kV
EN61000-4-5:2014 + A1:2017, Criteria B
Immunity to conducted disturbances, induced by radio-frequency fields
AC Port:
10Vrms (0.15-80MHz)
EN61000-4-6:2014+A1:2015, Criteria A
Power Magnetic Field Immunity
1A/m
EN61000-4-8:2010, Criteria A
Voltage Dips and Interruptions
Dips: 100% (0.5P)
100% (1.0P)
30% or 20%
Interruptions:100%
EN61000-4-11:2004 +A1:2017, Criteria B
EN61000-4-11:2004 +A1:2017, Criteria B
EN61000-4-11:2004 +A1:2017, Criteria C
EN61000-4-11:2004 +A1:2017, Criteria C
Limits of Voltage Fluctuations & Flicker
EN61000-3-3:2013
Limitations on the amount of electromagnetic interference allowed from digital and
electronic devices
FCC 47 CFR Part 15 Subpart B
Limitations on the amount of electromagnetic interference allowed from digital and
electronic devices, industrial, scientific, and medical equipment
FCC 47 CFR Part 18
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
PCB
FR4 (UL94-V0)
Dimension (LxWxH)
“/OF” type
“/OF/PCB” type
“/OF/2x4” type
78.4 x 53.0 x 31.5mm
78.4 x 53.0 x 35.4mm
101.6 x 53.0 x 31.5mm
Weight
“/OF” and “/OF/PCB” types
“/OF/2x4” type
111g typ.
120g typ.
continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com