Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM60-K/OF Datasheet(PDF) 9 Page - Recom International Power

Part # RACM60-K/OF
Description  60 Watt Open Frame 2?쐘3??& 2?쐘4??Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM60-K/OF Datasheet(HTML) 9 Page - Recom International Power

Back Button RACM60-K/OF Datasheet HTML 3Page - Recom International Power RACM60-K/OF Datasheet HTML 4Page - Recom International Power RACM60-K/OF Datasheet HTML 5Page - Recom International Power RACM60-K/OF Datasheet HTML 6Page - Recom International Power RACM60-K/OF Datasheet HTML 7Page - Recom International Power RACM60-K/OF Datasheet HTML 8Page - Recom International Power RACM60-K/OF Datasheet HTML 9Page - Recom International Power RACM60-K/OF Datasheet HTML 10Page - Recom International Power RACM60-K/OF Datasheet HTML 11Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.recom-power.com
REV.: 1/2020
PA-9
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM60-K/OF
Series
Dimension Drawing “/OF/PCB” (mm)
3
1
7
6
5
4
5.0
5.2
CON1
68.26
CON2
FC 34.9
FC 34.9
78.4
4x Ø3.2
3
1
7
6
5
4
6x 1.14
IC101
3
1
7
6
5
4
5.0
5.2
CON1
68.26
CON2
FC 34.9
FC 34.9
78.4
4x Ø3.2
3
1
7
6
5
4
6x 1.14
IC101
Pin-header Information
#
Function
Terminal
AC Input (CON1)
1
3
VAC in (N)
VAC in (L)
3 Pins (Pin2 removed)
with 3.96mm pitch
DC Output (CON2)
4,5
6,7
-VDC out
+VDC out
4 Pins
with 3.96mm pitch
FC= fixing centers
Front View
Bottom View
AC Input Side View
DC Output Side View
Top View
General tolerances according to ISO 2768-m
(table for reference only)
Dimension range
0.5 - 6 mm
6 - 30 mm
30 - 120 mm
120 - 400 mm
Tolerances
±0.1 mm
±0.2 mm
±0.3 mm
±0.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com