Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM60-K/OF Datasheet(PDF) 3 Page - Recom International Power

Part # RACM60-K/OF
Description  60 Watt Open Frame 2?쐘3??& 2?쐘4??Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM60-K/OF Datasheet(HTML) 3 Page - Recom International Power

  RACM60-K/OF Datasheet HTML 1Page - Recom International Power RACM60-K/OF Datasheet HTML 2Page - Recom International Power RACM60-K/OF Datasheet HTML 3Page - Recom International Power RACM60-K/OF Datasheet HTML 4Page - Recom International Power RACM60-K/OF Datasheet HTML 5Page - Recom International Power RACM60-K/OF Datasheet HTML 6Page - Recom International Power RACM60-K/OF Datasheet HTML 7Page - Recom International Power RACM60-K/OF Datasheet HTML 8Page - Recom International Power RACM60-K/OF Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.recom-power.com
REV.: 1/2020
PA-3
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM60-K/OF
Series
REGULATIONS
Parameter
Condition
Value
Output Accuracy
100% load
±2.0% typ.
Line Regulation
low line to high line
±0.05% typ.
Load Regulation (6)
10% to 100% load
5Vout
1.5% typ.
12, 15Vout
0.5% typ.
24, 36, 48Vout
0.1% typ.
Transient Response
25% load step change
3.0% max.
recovery time
500µs max.
Notes:
Note6: Operation below 10% load will not harm the converter, but specifications may not be met
Deviation vs. Load
RACM60-05SK
RACM60-15SK
RACM60-12SK
RACM60-24SK, 36SK, 48SK
2.0
1.0
0
-1.0
1.5
0.5
-0.5
-1.5
-2.0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
2.0
1.0
0
-1.0
1.5
0.5
-0.5
-1.5
-2.0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
2.0
1.0
0
-1.0
1.5
0.5
-0.5
-1.5
-2.0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
2.0
1.0
0
-1.0
1.5
0.5
-0.5
-1.5
-2.0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
PROTECTIONS
Parameter
Type
Value
Input Fuse
internal
T3.15A, slow blow type
Short Circuit Protection (SCP)
hiccup, auto recovery
Over Voltage Protection (OVP)
105% - 120%, auto recovery
Over Voltage Category (OVC)
OVCII
Over Current Protection (OCP)
130% - 180%, hiccup mode
continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com