Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM60-K/OF Datasheet(PDF) 5 Page - Recom International Power

Part # RACM60-K/OF
Description  60 Watt Open Frame 2?쐘3??& 2?쐘4??Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM60-K/OF Datasheet(HTML) 5 Page - Recom International Power

  RACM60-K/OF Datasheet HTML 1Page - Recom International Power RACM60-K/OF Datasheet HTML 2Page - Recom International Power RACM60-K/OF Datasheet HTML 3Page - Recom International Power RACM60-K/OF Datasheet HTML 4Page - Recom International Power RACM60-K/OF Datasheet HTML 5Page - Recom International Power RACM60-K/OF Datasheet HTML 6Page - Recom International Power RACM60-K/OF Datasheet HTML 7Page - Recom International Power RACM60-K/OF Datasheet HTML 8Page - Recom International Power RACM60-K/OF Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.recom-power.com
REV.: 1/2020
PA-5
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM60-K/OF
Series
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report Number
Standard
Medical electrical equipment Part 1: General requirements for basic safety and
essential performance
E511305-D1000
-1/A0/C0-UL
CAN/CSA-C22.2 No. 60601-1:14, 3rd Ed.
ANSI/AAMI ES60601-1:2005 + A2:2010/R2012
Audio/Video, information and communication technology equipment - Safety
requirements (CB Scheme)
pending
IEC62368-1:2014 2nd Edition
Audio/Video, information and communication technology equipment - Safety
requirements (LVD)
pending
EN62368-1
Household and similar electrical appliances – Safety – Part 1: General require-
ments (LVD)
pending
IEC60335-1:2010 5th Edition + AM1:2013
EN60335-1:2012 + A11:2014
Measurement methods for electromagnetic fields of household appliances and
similar apparatus with regard to human exposure
EN62233:2008
Safety of power transformers, power supplies, reactors & similar products for
supply voltages up to 1100 V (CB Scheme)
pending
IEC61558-1:2005 2nd Edition + A1:2009
Safety of power transformers, power supplies, reactors & similar products for
supply voltages up to 1100V
pending
EN61558-1:2005 + A1:2009
Safety of power transformers, power supplies, reactors & similar products for
supply voltages up to 1100 V Part 2: Particular requirements (CB Scheme)
pending
IEC61558-2-16:2009 1st Edition + A1:2013
Safety of power transformers, power supplies, reactors & similar products for
supply voltages up to 1100 V Part 2: Particular requirements
pending
EN61558-2-16:2009 + A1:2013
RoHS2+
RoHS 2011/65/EU + AM2015/863
EMC Compliance (Medical)
Condition
Standard / Criterion
Medical electrical equipment - Part 1-2: General requirements for basic safety
and essential performance - Collateral standard: Electromagnetic compatibility -
Requirements and tests
LCS200402131BE
EN60601-1-2:2015, Class B, Group 1
ESD Electrostatic discharge immunity test
Air: ±2, 4, 8, 15kV
Contact: ±2, 4, 8kV
EN61000-4-2:2009, Criteria B
Radiated, radio-frequency, electromagnetic field immunity test
9V/m (704-787MHz) 9V/m
(5100-5800MHz)
10V/m (80-2700MHz)
27V/m (380-390MHz)
28V/m (430-470MHz)
28V/m (800-960MHz)
28V/m (1700-1990MHz)
28V/m (2400-2570MHz)
EN61000-4-3:2006+A2:2010, Criteria A
Fast Transient and Burst Immunity
AC Port: L-N 2kV
EN61000-4-4:2012, Criteria B
Surge Immunity
L-N: 1kV
L (N)-PE: 2kV
EN61000-4-5:2014, Criteria B
Immunity to conducted disturbances, induced by radio-frequency fields
AC Port:
3Vrms: (0.15-80MHz)
6Vrms: (ISM and amateur
radio bands according to
table 9)
EN61000-4-6:2014, Criteria A
Power Magnetic Field Immunity
30A/m
EN61000-4-8:2010, Criteria A
Voltage Dips and Interruptions
Dips: 100% (0.5P 1.0P)
30%
Interruptions: 100%
EN61000-4-11:2004, Criteria B
Limits of Voltage Fluctuations & Flicker
EN61000-3-3:2013
continued on next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com