Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPL-3.0 Datasheet(PDF) 1 Page - Recom International Power

Part # RPL-3.0
Description  3.0 Amp 10 Pad LGA Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-3.0 Datasheet(HTML) 1 Page - Recom International Power

  RPL-3.0 Datasheet HTML 1Page - Recom International Power RPL-3.0 Datasheet HTML 2Page - Recom International Power RPL-3.0 Datasheet HTML 3Page - Recom International Power RPL-3.0 Datasheet HTML 4Page - Recom International Power RPL-3.0 Datasheet HTML 5Page - Recom International Power RPL-3.0 Datasheet HTML 6Page - Recom International Power RPL-3.0 Datasheet HTML 7Page - Recom International Power RPL-3.0 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.recom-power.com
REV.: 0/2021
I-1
RPL-3.0
DC/DC Converter
Features
Power
Module
• Wide input range (3 - 18V)
• Low profile 1.45mm
• Small footprint 3x3mm
• Adjustable output 0.8 to 5.2V
• Up to 120°C ambient temperature with derating
• Integrated solution
3
3.0 Amp
10 Pad LGA
Package
EN55032 compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
RoHS 2+
compliant
10 from 10
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
REACH
compliant
Description
The RPL-3.0 is a buck converter with integrated inductor in a tiny 3mm x 3mm x 1.45mm thermally-
enhanced LGA package. The input range is from 3.0 to 18VDC, allowing 5V and 12V supply rails to
be used. The output voltage can be set with two resistors in the range from 0.8V up to 5.2V. The out-
put current is up to 3A and is fully protected against continuous short-circuits, output overcurrent or
over-temperature faults. Its high current and small size make the RPL-3.0 ideal for imaging systems,
distributed power architectures, portable equipment in telecom as well as industrial applications.
Selection Guide
Notes:
Note1: Efficiency tested at VIN= 12VDC, full load and VOUT= 3.3VDC
Model Numbering
Notes:
Note2: add suffix “-R” for tape and reel packaging
add suffix “-CT” for cut tape packaging (refer to “
“PACKAGING INFORMATION”)
Output Current
Packaging (2)
RPL-3.0-__
Part
Number
Input
Voltage Range
[VDC]
Output
Voltage
[VDC]
Output
Current max.
[mA]
Efficiency (1)
typ.
[%]
RPL-3.0
3.0-18.0
0.8-5.2
3000
89
ABSOLUTE MAX RATINGS (exceeding these ratings may damage the device)
Parameter
Symbol
Min.
Typ.
Max.
Absolute Maximum Voltage
VIN
-0.3VDC
20VDC
VOUT
0VDC
6.5VDC
VCTRL
0VDC
18VDC
VPG
0VDC
5.5VDC
others (3)
-0.3VDC
4VDC
Maximum continuous power losses (4)
@ TAMB = 25°C
2.08W
Junction Temperature
TJ
150°C
Lead Temperature
260°C
Specifications
Notes:
Note3: For CTRL absolute max ratings, please refer to
“CTRL and SYNC Operating CONDITIONS”
Note4: Exceeding maximum allowable power dissipation causes device to enter thermal shutdown
which protects device from permanent damage. Refer to
“CHARACTERISTIC CURVES”
www.recom-power.com/eval-ref-boards


Similar Part No. - RPL-3.0

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPL-3.0 RECOM-RPL-3.0 Datasheet
407Kb / 6P
Evaluation platform for RPL-3.0 Buck Regulator Module
RPL-3.0-EVM-1 RECOM-RPL-3.0-EVM-1 Datasheet
407Kb / 6P
Evaluation platform for RPL-3.0 Buck Regulator Module
More results

Similar Description - RPL-3.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM4003 ETC-OM4003 Datasheet
15Kb / 2P
10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
logo
First Components Intern...
GP30A FCI-GP30A Datasheet
172Kb / 2P
3.0 Amp MEGARECTIFIERS
logo
MMD Components
WCSMC MMD-WCSMC Datasheet
58Kb / 1P
4 Pad Ceramic SMD Package
logo
Protek Devices
DFN-2-0402 PROTEC-DFN-2-0402 Datasheet
280Kb / 5P
package outline & pad layout
logo
WILLAS ELECTRONIC CORP
KBP301G WILLAS-KBP301G Datasheet
397Kb / 2P
3.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER KBP PACKAGE
logo
New Jersey Semi-Conduct...
2N5075 NJSEMI-2N5075 Datasheet
190Kb / 1P
3.0 AMP SWITCHING
logo
ILSI America LLC
ZTT ILSI-ZTT Datasheet
46Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
List of Unclassifed Man...
KXTJ2-1009 ETC2-KXTJ2-1009 Datasheet
598Kb / 2P
Ultra-small Package - 2x2x0.9mm LGA
logo
ILSI America LLC
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
MMD Components
WCSMC MMD-WCSMC_18 Datasheet
85Kb / 2P
4 Pad Plastic SMD Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com