Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPL-3.0 Datasheet(PDF) 2 Page - Recom International Power

Part # RPL-3.0
Description  3.0 Amp 10 Pad LGA Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-3.0 Datasheet(HTML) 2 Page - Recom International Power

  RPL-3.0 Datasheet HTML 1Page - Recom International Power RPL-3.0 Datasheet HTML 2Page - Recom International Power RPL-3.0 Datasheet HTML 3Page - Recom International Power RPL-3.0 Datasheet HTML 4Page - Recom International Power RPL-3.0 Datasheet HTML 5Page - Recom International Power RPL-3.0 Datasheet HTML 6Page - Recom International Power RPL-3.0 Datasheet HTML 7Page - Recom International Power RPL-3.0 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.recom-power.com
REV.: 0/2021
I-2
DC/DC Converter
RPL-3.0
Series
Specifications
OPERATING CONDITIONS (V
IN= 12VDC, TJ= -40°C to +125°C, unless otherwise noted, typical values are at TJ= +25°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Input Voltage Range
VIN
4VDC
18VDC
UVLO threshold rising
3.2VDC
3.6VDC
3.9VDC
UVLO threshold falling
3.1VDC
UVLO threshold hysteresis
500mV
Output Voltage Range
VOUT
0.8VDC
5.2VDC
Output Current Range
IOUT
0A
3A
Standby current
IIN
VCTRL = 0VDC
15µA
Quiescent current
IQ
VFB = 0.85VDC, no switching
1.2mA
Switching frequency
fSW
1870kHz
2200kHz
2530kHz
Feedback voltage
VFB
788mV
800mV
812mV
Output load regulation
0-100% load @ 3.3VOUT
-0.5%
+0.5%
VCC regulator
VCC
3.3VDC
VCC load regulation
ICC = 20mA
3%
Rise time
VOUT from 10% to 90%
1.65ms
VIN= 4-18VDC; VOUT= 3.3VDC, IOUT= 3A
Typical Application
Safe Operating Area
0
0.8
1.6
2.4
3.2
4.8
4
0.4
1.2
2
2.8
3.6
5.2 5.6
6
4.4
20
14
16
18
10
12
6
8
2
4
0
Output Voltage [VDC]
Notes:
Note5: A 10µF input capacitor (C
IN) is required to absorb the input switching current. A 22µF output capacitor (COUT) is mandatory.
To get stable regulation use for R1 and R2 1% or 0.1% resistors, R4 should be 1kOhm.
RECOM recommends low ESR X5R or X7R ceramic caps.
VOUT
V
out
FB
+Sense
V
IN
VIN
CTRL
VCC
PG
AGND
PGND
RPL-3.0
R4
R1
47k
Ω
R2
15k
Ω
CFF
CIN
10µF
COUT
22µF
(5)
(5)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com