Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPL-3.0 Datasheet(PDF) 3 Page - Recom International Power

Part # RPL-3.0
Description  3.0 Amp 10 Pad LGA Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-3.0 Datasheet(HTML) 3 Page - Recom International Power

  RPL-3.0 Datasheet HTML 1Page - Recom International Power RPL-3.0 Datasheet HTML 2Page - Recom International Power RPL-3.0 Datasheet HTML 3Page - Recom International Power RPL-3.0 Datasheet HTML 4Page - Recom International Power RPL-3.0 Datasheet HTML 5Page - Recom International Power RPL-3.0 Datasheet HTML 6Page - Recom International Power RPL-3.0 Datasheet HTML 7Page - Recom International Power RPL-3.0 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.recom-power.com
REV.: 0/2021
I-3
DC/DC Converter
Specifications
RPL-3.0
Series
CTRL OPERATING CONDITIONS (V
IN= 12VDC, TJ= -40°C to +125°C, unless otherwise noted, typical values are at TJ= +25°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
CTRL rising threshold
VCTRL_RISING
1.1VDC
1.2VDC
1.3VDC
CTRL falling threshold
VCTRL_FALLING
0.96VDC
1VDC
1.04VDC
PROTECTIONS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Over current Limitation
LLimit1
current monitor via internal MOSFET R
DS(on)
3A
3.3A
3.9A
OVP threshold
VOVP
if VFB is greater than VOVP, for tOVP, device will enter hiccup mode
110%
115%
120%
OVP hysteresis
disabled during soft start
5%
Over voltage delay
tOVP
if VFB is greater than VOVP, for tOVP, device will enter hiccup mode
2µs
Output pin OVP
VOVP FB > 115%
5.7VDC
6VDC
6.3VDC
Absolute OVP hysteresis
50mV
POWER GOOD OPERATING CONDITIONS (V
IN= 12VDC, TJ= -40°C to +125°C, unless otherwise noted, typical values are at TJ= +25°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
OV rising threshold
VFB
PGOVHI
fault
110%
115%
120%
OV falling threshold
VFB
PGOVLO
good
110%
UV rising threshold
VFB
PGUVHI
good
85%
90%
95%
UV falling threshold
VFB
PGUVLO
fault
80%
Sink current capability
VPG
sinkcurrent = 4mA
0.4VDC
0.6VDC
THERMAL OPERATING CONDITIONS (V
IN= 12VDC, TJ= -40°C to +125°C, unless otherwise noted, typical values are at TJ= +25°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Operating Junction Temperature
TJ
-40°C
+125°C
Thermal Resistance (6)
Rth
JA
Rth
JC
junction to ambient
junction to case
65K/W
30K/W
Thermal shutdown
hysteresis
150°C
20°C
Notes:
Note6: Tested with RECOM evaluation module: RPL-3.0-EVM-1
OUTPUT VOLTAGE SETTING
The external resistor divider sets the output voltage. Choose the R1 resistance. R2 can be estimated with Equation:
Where VOUT is the output voltage. The output voltage feedback gain is determined by:
To stabilize the system and optimize the load transient response, place a feed-forward capacitor (CFF) in parallel with R1. Upper table shows the values of
feedback resistors and feed-forward capacitors for common output voltages.
Table below lists recommended resistor values for common Vout:
Feedback Network
R1
CFF
R2
FB
VOUT
VOUT
VOUT [V] R1 [kW] R2 [kW] CFF [pF] COUT [pF]
1
47
187
22
22
1.2
47
93.1
22
22
1.5
47
53.6
22
22
1.8
47
37.4
22
22
2.5
47
22
39
22
3.3
47
15
39
22
5
47
8.87
39
22
Setting the Output Voltage
��������������������������������
= ����������������1����������������������������������������������������������������0.8������������������������������������������������−1
Setting the Output Volatge
������������������������������������������������
= ����������������2����������������1+����������������2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com