Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPL-3.0 Datasheet(PDF) 5 Page - Recom International Power

Part # RPL-3.0
Description  3.0 Amp 10 Pad LGA Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-3.0 Datasheet(HTML) 5 Page - Recom International Power

  RPL-3.0 Datasheet HTML 1Page - Recom International Power RPL-3.0 Datasheet HTML 2Page - Recom International Power RPL-3.0 Datasheet HTML 3Page - Recom International Power RPL-3.0 Datasheet HTML 4Page - Recom International Power RPL-3.0 Datasheet HTML 5Page - Recom International Power RPL-3.0 Datasheet HTML 6Page - Recom International Power RPL-3.0 Datasheet HTML 7Page - Recom International Power RPL-3.0 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.recom-power.com
REV.: 0/2021
I-5
DC/DC Converter
Specifications
RPL-3.0
Series
2.0
1.0
0
-1.0
1.5
0.5
-0.5
-1.5
-2.0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
12Vin - 18Vin
2
1.50
1
0.50
1.75
1.25
0.75
0.25
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
5Vin
9Vin
12Vin
Deviation vs. Load
Power Dissipation
TYPICAL PERFORMANCE CHARACTERISTICS (V
OUT= 5VDC, TJ= +25°C; tested with RECOM evaluation module: RPL-3.0-EVM-1)
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
6.5Vin
9Vin
12Vin
Efficiency vs. Output current
Thermal Derating
-40
-20
0
20
40
60
80
140
120
100
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
6.5Vin
9Vin
12Vin
2.0
1.0
0
-1.0
1.5
0.5
-0.5
-1.5
-2.0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
12Vin - 18Vin
2
1.50
1
0.50
1.75
1.25
0.75
0.25
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
6.5Vin
9Vin
12Vin
Deviation vs. Load
Power Dissipation
TYPICAL PERFORMANCE CHARACTERISTICS (V
OUT= 3.3VDC, TJ= +25°C; tested with RECOM evaluation module: RPL-3.0-EVM-1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com