Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA237 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA237
Description  INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA237 Datasheet HTML 15Page - Texas Instruments INA237 Datasheet HTML 16Page - Texas Instruments INA237 Datasheet HTML 17Page - Texas Instruments INA237 Datasheet HTML 18Page - Texas Instruments INA237 Datasheet HTML 19Page - Texas Instruments INA237 Datasheet HTML 20Page - Texas Instruments INA237 Datasheet HTML 21Page - Texas Instruments INA237 Datasheet HTML 22Page - Texas Instruments INA237 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Writing to a register begins with the first byte transmitted by the main device. This byte is the secondary device
address, with the R/W bit low. The device then acknowledges receipt of a valid address. The next byte
transmitted by the main device is the address of the register to be accessed. This register address value updates
the register pointer to the desired internal device register. The next two bytes are written to the register
addressed by the register pointer. The device acknowledges receipt of each data byte. The main device may
terminate data transfer by generating a start or stop condition.
When reading from the device, the last value stored in the register pointer by a write operation determines which
register is read during a read operation. To change the register pointer for a read operation, a new value must be
written to the register pointer. This write is accomplished by issuing a secondary device address byte with the R/
W bit low, followed by the register pointer byte. No additional data are required. The main device then generates
a start condition and sends the address byte for the secondary device with the R/W bit high to initiate the read
command. The next byte is transmitted by the secondary device and is the most significant byte of the register
indicated by the register pointer. This byte is followed by an Acknowledge from the main device; then the
secondary device transmits the least significant byte. The main device may or may not acknowledge receipt of
the second data byte. The main device may terminate data transfer by generating a Not-Acknowledge after
receiving any data byte, or generating a start or stop condition. If repeated reads from the same register are
desired, it is not necessary to continually send the register pointer bytes; the device retains the register pointer
value until it is changed by the next write operation.
Figure 7-7 shows the write operation timing diagram. Figure 7-8 shows the read operation timing diagram. These
diagrams are shown for reading/writing to 16 bit registers.
Register bytes are sent most-significant byte first, followed by the least significant byte.
Frame 1 Two-Wire Secondary Address Byte
(1)
Frame 2 Register Pointer Byte
Start By
Main
ACK By
Secondary
ACK By
Secondary
1
9
1
ACK By
Secondary
1
D15 D14
D13
D12 D11 D10
D9
D8
9
9
SDA
SCL
1
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Frame 4 Data LSByte
Frame 3 Data MSByte
ACK By
Secondary
Stop By
Main
1
D7
D6
D5
D4
D3
D2
D1
D0
9
A. The value of the Secondary Device Address byte is determined by the settings of the A0 and A1 pins. Refer to Table 7-2.
B. The device does not support packet error checking (PEC) or perform clock stretching.
Figure 7-7. Timing Diagram for Write Word Format
Frame 1 Two-Wire Secondary Address Byte
(1)
Frame 2 Data MSByte
(2)
1
Start By
Main
ACK By
Secondary
ACK By
Main
From
Secondary
1
9
1
9
SDA
SCL
0
0
A3
R/W
D15 D14 D13
D12
D11 D10
D9
D8
A2
A1
A0
Frame 3 Data LSByte
(2)
Stop
No ACK By
(3)
Main
From
Secondary
1
9
D7
D6
D5
D4
D3
D2
D1
D0
A. The value of the Secondary Device Address byte is determined by the settings of the A0 and A1 pins. Refer to Table 7-2.
B. Read data is from the last register pointer location. If a new register is desired, the register pointer must be updated. See Figure 7-9.
C. ACK by the main device can also be sent.
D. The device does not support packet error checking (PEC) or perform clock stretching.
Figure 7-8. Timing Diagram for Read Word Format
www.ti.com
INA237
SBOSA20 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com